Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G576 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part No. G576
Description  Dual-Slot PCMCIA/CardBus Power Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo 

G576 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ver: 1.0
Jan 23, 2003
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G576
Global Mixed-mode Technology Inc.
Logic Section
PARAMETER
TEST CONDITION*
MIN
MAX UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
VCC5=5V, IO=1mA
VCC5 -0.4
Logic output high level
VCC5=0V, IO=1mA, VCC3=3.3V
VCC3 -0.4
V
Logic output low level
IO=1mA
0.4
V
*Pulse-testing techniques maintain junction temperature close to ambient temperatures; thermal effects must be taken into account sepa-
rately.
Switching Characteristics **
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VO (AVCC/BVCC)
2.6
tr
Rise times, output
VO (AVPP/BVPP)
10
VO (AVCC/BVCC)
7.5
tf
Fall times, output
VO (AVPP/BVPP)
38
ms
ton
14
VI (AVPPD0/BVPPD0) to VO (AVPP/BVPP)
toff
44
ton
3.2
VI (
1
AVCCD
/
1
BVCCD
) to VO(AVCC/BVCC) (3.3V)
toff
17
ton
4.4
tpd Propagation delay
(see Figure 1)
VI (
0
AVCCD
/
0
BVCCD
) to VO(AVCC/BVCC) (5V)
toff
20
ms
**Switching Characteristics are with CL = 147µF.
§ Refer to Parameter Measurement Information
Parameter Measurement Information
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
FIGURE
AVCC/BVCC Propagation Delay and Rise Time With 1µF Load, 3.3V Switch
2
AVCC/BVCC Propagation Delay and Fall Time With 1µF Load, 3.3V Switch
3
AVCC/BVCC Propagation Delay and Rise Time With 147µF Load, 3.3V Switch
4
AVCC/BVCC Propagation Delay and Fall Time With 147µF Load, 3.3V Switch
5
AVCC/BVCC Propagation Delay and Rise Time With 1µF Load, 5V Switch
6
AVCC/BVCC Propagation Delay and Fall Time With 1µF Load, 5V Switch
7
AVCC/BVCC Propagation Delay and Rise Time With 147µF Load, 5V Switch
8
AVCC/BVCC Propagation Delay and Fall Time With 147µF Load, 5V Switch
9
AVPP/BVPP Propagation Delay and Rise Time With 1µF Load, 12V Switch
10
AVPP/BVPP Propagation Delay and Fall Time With 1µF Load, 12V Switch
11
AVPP/BVPP Propagation Delay and Rise Time With 147µF Load, 12V Switch
12
AVPP/BVPP Propagation Delay and Fall Time With 147µF Load, 12V Switch
13
LOAD CIRCUIT
V
DD
GND
50%
90%
t
off
t
on
10%
V
I(12V)
GND
V
O(AVPP)
AVPP
C
L
VOLTAGE WAVEFORMS
50%
V
I(VPPD0)
(V
I(VPPD1)=0V)
LOAD CIRCUIT
V
DD
GND
50%
90%
t
off
t
on
10%
V
I(3.3V)
GND
V
O(AVCC)
AVCC
C
L
VOLTAGE WAVEFORMS
V
I(VCCD1)
(V
I(VCCD0)=VDD)
50%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn