Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC555M Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC555M
Description  TLC555 LinCMOS??Timer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555M Datasheet(HTML) 4 Page - Texas Instruments

  TLC555M Datasheet HTML 1Page - Texas Instruments TLC555M Datasheet HTML 2Page - Texas Instruments TLC555M Datasheet HTML 3Page - Texas Instruments TLC555M Datasheet HTML 4Page - Texas Instruments TLC555M Datasheet HTML 5Page - Texas Instruments TLC555M Datasheet HTML 6Page - Texas Instruments TLC555M Datasheet HTML 7Page - Texas Instruments TLC555M Datasheet HTML 8Page - Texas Instruments TLC555M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
GND
TRIG
DISCH
THRES
CONT
OUT
RESET
1
2
3
4
8
7
6
5
V
DD
4
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, P, PS, and JG Packages
8-Pin SOIC, PDIP, SOP, CDIP
Top View
Pin Functions: D, P, PS, and JG Packages
PIN
I/O
DESCRIPTION
NAME
SOIC, PDIP,
SOP, CDIP
CONT
5
I
Controls comparator thresholds. Outputs 2/3 VDD and allows bypass capacitor connection.
DISCH
7
O
Open collector output to discharge timing capacitor.
GND
1
Ground.
NC
No internal connection.
OUT
3
O
High current timer output signal.
RESET
4
I
Active low reset input forces output and discharge low.
THRES
6
I
End of timing input. THRES > CONT sets output low and discharge low.
TRIG
2
I
Start of timing input. TRIG < 1/2 CONT sets output high and discharge open.
VDD
8
Power-supply voltage.


Similar Part No. - TLC555M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555M TI1-TLC555M Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555M TI1-TLC555M Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555MD TI-TLC555MD Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555MD TI1-TLC555MD Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555MDR TI-TLC555MDR Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
More results

Similar Description - TLC555M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com