Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS232-D14 Datasheet(PDF) 31 Page - PADAUK Technology.

Part # PMS232-D14
Description  12-bit ADC Enhanced
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232-D14 Datasheet(HTML) 31 Page - PADAUK Technology.

Back Button PMS232-D14 Datasheet HTML 27Page - PADAUK Technology. PMS232-D14 Datasheet HTML 28Page - PADAUK Technology. PMS232-D14 Datasheet HTML 29Page - PADAUK Technology. PMS232-D14 Datasheet HTML 30Page - PADAUK Technology. PMS232-D14 Datasheet HTML 31Page - PADAUK Technology. PMS232-D14 Datasheet HTML 32Page - PADAUK Technology. PMS232-D14 Datasheet HTML 33Page - PADAUK Technology. PMS232-D14 Datasheet HTML 34Page - PADAUK Technology. PMS232-D14 Datasheet HTML 35Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 31 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
5-2. Program Memory - OTP
5-2-1. Program Memory Assignment
The OTP (One Time Programmable) program memory is used to store the program instructions to be
executed. All program codes for each FPP unit are stored in this OTP memory for both FPP0 and FPP1. The
OTP program memory may contains the data, tables and interrupt entry. After reset, the initial address for
FPP0 is ‘h0 and ‘h1 for FPP1. The interrupt entry is ‘h10 if used and interrupt function is for FPP0 only, the
last eight addresses are reserved for system using, like checksum, serial number, etc. The OTP program
memory for PMC232/PMS232 is a 2kx16 bit that is partitioned as Table 1. The OTP memory from address
‘h7F8 to ‘h7FF is for system using, address space from ‘h002 to ‘h00F and from ‘h011 to ‘h7F7 are user
program space. The address ‘h001 is the FPP1 initial address for two FPP units mode and user program for
single FPP unit mode.
Address
Function
0x000
FPP0 reset – goto instruction
0x001
FPP1 reset – goto instruction
0x002
User program
0x00F
User program
0x010
Interrupt entry address
0x011
User program
0x7F7
User program
0x7F8
System Using
0x7FF
System Using
Table 1: Program Memory Organization of PMC232/PMS232


Similar Part No. - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS234 PADAUK-PMS234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-D20 PADAUK-PMS234-D20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K24 PADAUK-PMS234-K24 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K28 PADAUK-PMS234-K28 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-S20 PADAUK-PMS234-S20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
More results

Similar Description - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com