Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS232-D14 Datasheet(PDF) 17 Page - PADAUK Technology.

Part # PMS232-D14
Description  12-bit ADC Enhanced
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232-D14 Datasheet(HTML) 17 Page - PADAUK Technology.

Back Button PMS232-D14 Datasheet HTML 13Page - PADAUK Technology. PMS232-D14 Datasheet HTML 14Page - PADAUK Technology. PMS232-D14 Datasheet HTML 15Page - PADAUK Technology. PMS232-D14 Datasheet HTML 16Page - PADAUK Technology. PMS232-D14 Datasheet HTML 17Page - PADAUK Technology. PMS232-D14 Datasheet HTML 18Page - PADAUK Technology. PMS232-D14 Datasheet HTML 19Page - PADAUK Technology. PMS232-D14 Datasheet HTML 20Page - PADAUK Technology. PMS232-D14 Datasheet HTML 21Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 17 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
4. Device Characteristics
4-1. AC/DC Device Characteristics
All data are acquired under the conditions of Ta = -40
oC ~ 85 oC, Vdd=5.0V, f
SYS=2MHz unless noted.
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25
oC)
VDD
Operating Voltage
2.2
5.0
5.5
V
* Subject to LVR tolerance
fSYS
System clock* =
IHRC/2
IHRC/4
IHRC/8
ILRC
0
0
0
24K
8M
4M
2M
Hz
Under_20ms_Vdd_ok**=Y/N
VDD≧3.0V
VDD≧2.5V
VDD≧2.2V
VDD = 5.0V
IOP
Operating Current
1.7
15
mA
uA
fSYS=IHRC/16=1MIPS@5.0V
fSYS=ILRC=12kHz@3.3V
IPD
Power Down Current
(by stopsys command)
1.0
0.5
uA
uA
fSYS= 0Hz,VDD=5.0V
fSYS= 0Hz,VDD=3.3V
IPS
Power Save Current
(by stopexe command)
0.3
mA
VDD=5.0V;
Band-gap, LVR, IHRC, ILRC,
Timer16 modules are ON.
VIL
Input low voltage for IO lines
0
0.3VDD
V
VIH
Input high voltage for IO lines
0.7 VDD
VDD
V
IOL
IO lines sink current
7
10
13
mA
VDD=5.0V, VOL=0.5V
IOH
IO lines drive current
-5
-7
-9
mA
VDD=5.0V, VOH=4.5V
VIN
Input voltage
-0.3
VDD+0.3
V
IINJ (PIN)
Injected current on pin
1
mA
VDD+0.3≧VIN≧ -0.3
RPH
Pull-up Resistance
62
100
210
VDD=5.0V
VDD=3.3V
VDD=2.2V
VLVR
Low Voltage Detect Voltage *
(Brown-out voltage)
3.86
3.35
2.84
2.61
2.37
2.04
1.86
1.67
4.15
3.60
3.05
2.80
2.55
2.20
2.00
1.80
4.44
3.85
3.26
3.00
2.73
2.35
2.14
1.93
V
VBG
Band-gap Reference Voltage
(before calibration)
1.11
1.20
1.29
V
VDD=5V, 25
oC
Band-gap Reference Voltage *
(after calibration)
1.140*
1.145*
1.20*
1.20*
1.260*
1.255*
VDD=2.2V ~ 5.5V,
-40
oC <Ta<85oC*
-20
oC <Ta<70oC*
fIHRC
Frequency of IHRC after
calibration *
15.76*
16*
16.24*
MHz
25
oC, V
DD=2.2V~5.5V
14.72*
15.04*
16*
16*
17.28*
16.96*
VDD=2.2V~5.5V,
-40
oC <Ta<85oC*
-20
oC <Ta<70oC*


Similar Part No. - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS234 PADAUK-PMS234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-D20 PADAUK-PMS234-D20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K24 PADAUK-PMS234-K24 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K28 PADAUK-PMS234-K28 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-S20 PADAUK-PMS234-S20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
More results

Similar Description - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com