Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS232-D14 Datasheet(PDF) 42 Page - PADAUK Technology.

Part # PMS232-D14
Description  12-bit ADC Enhanced
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232-D14 Datasheet(HTML) 42 Page - PADAUK Technology.

Back Button PMS232-D14 Datasheet HTML 38Page - PADAUK Technology. PMS232-D14 Datasheet HTML 39Page - PADAUK Technology. PMS232-D14 Datasheet HTML 40Page - PADAUK Technology. PMS232-D14 Datasheet HTML 41Page - PADAUK Technology. PMS232-D14 Datasheet HTML 42Page - PADAUK Technology. PMS232-D14 Datasheet HTML 43Page - PADAUK Technology. PMS232-D14 Datasheet HTML 44Page - PADAUK Technology. PMS232-D14 Datasheet HTML 45Page - PADAUK Technology. PMS232-D14 Datasheet HTML 46Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 42 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
User can define the parameters of T16M based on system requirement, some examples are shown below
and more examples can refer to “Help
 Application Note  IC Introduction  Register Introduction  T16M”
in IDE utility.
$
T16M
SYSCLK, /64, BIT15;
// choose (SYSCLK/64) as clock source, every 2^16 clock to set INTRQ.2=1
// if using System Clock = IHRC / 2 = 8 MHz
// SYSCLK/64 = 8 MHz/64 = 125kHz, about every 512 mS to generate INTRQ.2=1
$
T16M
EOSC, /1, BIT13;
// choose (EOSC/1) as clock source, every 2^14 clocks to generate INTRQ.2=1
// if EOSC=32768 Hz, 32768 Hz/(2^14) = 2Hz, every 0.5S to generate INTRQ.2=1
$
T16M
PA0_F, /1, BIT8;
// choose PA0 as clock source, every 2^9 to generate INTRQ.2=1
// receiving every 512 times PA0 to generate INTRQ.2=1
$
T16M
STOP;
// stop Timer16 counting
If Timer16 is operated at free running, the frequency of interrupt can be described as below:
FINTRQ_T16M = Fclock source ÷ P ÷ 2
n+1
Where, F is the frequency of selected clock source to Timer16;
P is the selection of t16m [4:3]; (1, 4, 16, 64)
N is the n
th bit selected to request interrupt service, for example: n=10 if bit 10 is selected.


Similar Part No. - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS234 PADAUK-PMS234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-D20 PADAUK-PMS234-D20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K24 PADAUK-PMS234-K24 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-K28 PADAUK-PMS234-K28 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMS234-S20 PADAUK-PMS234-S20 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
More results

Similar Description - PMS232-D14

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com