Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS234-K24 Datasheet(PDF) 76 Page - PADAUK Technology.

Part # PMS234-K24
Description  12-bit ADC Enhanced
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS234-K24 Datasheet(HTML) 76 Page - PADAUK Technology.

Back Button PMS234-K24 Datasheet HTML 72Page - PADAUK Technology. PMS234-K24 Datasheet HTML 73Page - PADAUK Technology. PMS234-K24 Datasheet HTML 74Page - PADAUK Technology. PMS234-K24 Datasheet HTML 75Page - PADAUK Technology. PMS234-K24 Datasheet HTML 76Page - PADAUK Technology. PMS234-K24 Datasheet HTML 77Page - PADAUK Technology. PMS234-K24 Datasheet HTML 78Page - PADAUK Technology. PMS234-K24 Datasheet HTML 79Page - PADAUK Technology. PMS234-K24 Datasheet HTML 80Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
PMC234/PMS234 Series
12-bit ADC Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 76 of 107
PDK-DS-PMX234_V103 – Dec. 19, 2018
6-23. Port D Data Register (pd), IO address = 0x1a
Bit
Reset
R/W
Description
7 - 2
-
-
Reserved
1 - 0
-
R/W
Bit [1:0] of data register for Port D.
6-24. Port D Control Register (pdc), IO address = 0x1b
Bit
Reset
R/W
Description
7 - 2
-
-
Reserved
1 - 0
00
R/W
Bit [1:0] of port D control register.
This register is used to define input mode or output mode for each corresponding pin.
0 / 1: input / output
6-25. Port D Pull-up Register (pdph), IO address = 0x1c
Bit
Reset
R/W
Description
7- 2
-
-
Reserved
1 - 0
00
R/W
Bit [1:0] of Port D pull-up register.
This register is used to enable the internal pull-up device on each corresponding pin.
0 / 1 : disable / enable
6-26. ADC Control Register (adcc), IO address = 0x20
Bit
Reset
R/W
Description
7
0
R/W
Enable ADC function. 0/1: Disable/Enable.
6
-
R/W
ADC process control bit.
Write “1” to start AD conversion, and the flag is cleared automatically when starting the
AD conversion ;
Read “1” to indicate the completion of AD conversion and “0” is in progressing.
5 - 2
0000
R/W
Channel selector. These four bits are used to select input signal for AD conversion.
0000: PB0/AD0,
0001: PB1/AD1,
0010: PB2/AD2,
0011: PB3/AD3,
0100: PB4/AD4,
0101: PB5/AD5,
0110: PB6/AD6,
0111: PB7/AD7
1000: PA3/AD8
1001: PA4/AD9
1111: band-gap 1.20 volt reference voltage
Others: reserved
1 - 0
-
-
Reserved. (keep 0 for future compatibility)


Similar Part No. - PMS234-K24

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS232 PADAUK-PMS232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D14 PADAUK-PMS232-D14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D18 PADAUK-PMS232-D18 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D20 PADAUK-PMS232-D20 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-S14 PADAUK-PMS232-S14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results

Similar Description - PMS234-K24

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com