Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS234-D20 Datasheet(PDF) 50 Page - PADAUK Technology.

Part # PMS234-D20
Description  12-bit ADC Enhanced
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS234-D20 Datasheet(HTML) 50 Page - PADAUK Technology.

Back Button PMS234-D20 Datasheet HTML 46Page - PADAUK Technology. PMS234-D20 Datasheet HTML 47Page - PADAUK Technology. PMS234-D20 Datasheet HTML 48Page - PADAUK Technology. PMS234-D20 Datasheet HTML 49Page - PADAUK Technology. PMS234-D20 Datasheet HTML 50Page - PADAUK Technology. PMS234-D20 Datasheet HTML 51Page - PADAUK Technology. PMS234-D20 Datasheet HTML 52Page - PADAUK Technology. PMS234-D20 Datasheet HTML 53Page - PADAUK Technology. PMS234-D20 Datasheet HTML 54Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
PMC234/PMS234 Series
12-bit ADC Enhanced FPPA
TM
8-bit Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 50 of 107
PDK-DS-PMX234_V103 – Dec. 19, 2018
Example 3:
tm2c = 0b0001_1110, Y=8MHz
tm2b = 0b0011_1111, K=63
tm2s = 0b1_00_00000, S1=1, S2=0
 frequency of output = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 duty of output = [(63+1) ÷ 64] × 100% = 100%
Example 4:
tm2c = 0b0001_1110, Y=8MHz
tm2b = 0b0000_0000, K=0
tm2s = 0b1_00_00000, S1=1, S2=0
 frequency = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 duty = [(0+1) ÷ 64] × 100% =1.5%
5-10. WatchDog Timer
The watchdog timer (WDT) is a counter with clock coming from ILRC and there are four different timeout
periods of watchdog timer can be chosen by setting the misc register, it is:
 256 ILRC clocks period if register misc[1:0]=11
 2048 ILRC clocks period if register misc[1:0]=00 (default)
 4096 ILRC clocks period if register misc[1:0]=01
 16384 ILRC clocks period if register misc[1:0]=10
The frequency of ILRC may drift a lot due to the variation of manufacture, supply voltage and temperature;
user should reserve guard band for save operation. WDT can be cleared by power-on-reset or by
command wdreset at any time. When WDT is timeout, PMC234/PMS234 will be reset to restart the
program execution. The relative timing diagram of watchdog timer is shown as Fig. 13.
VDD
WD
Time Out
Program
Execution
tSBP
Watch Dog Time Out Sequence
VDD
WD
Time Out
Program
Execution
tSBP
Watch Dog Time Out Sequence
Fig. 13: Sequence of Watch Dog Time Out


Similar Part No. - PMS234-D20

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS232 PADAUK-PMS232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D14 PADAUK-PMS232-D14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D18 PADAUK-PMS232-D18 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D20 PADAUK-PMS232-D20 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-S14 PADAUK-PMS232-S14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results

Similar Description - PMS234-D20

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com