Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS234-S28 Datasheet(PDF) 67 Page - PADAUK Technology.

Part # PMS234-S28
Description  12-bit ADC Enhanced
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS234-S28 Datasheet(HTML) 67 Page - PADAUK Technology.

Back Button PMS234-S28 Datasheet HTML 63Page - PADAUK Technology. PMS234-S28 Datasheet HTML 64Page - PADAUK Technology. PMS234-S28 Datasheet HTML 65Page - PADAUK Technology. PMS234-S28 Datasheet HTML 66Page - PADAUK Technology. PMS234-S28 Datasheet HTML 67Page - PADAUK Technology. PMS234-S28 Datasheet HTML 68Page - PADAUK Technology. PMS234-S28 Datasheet HTML 69Page - PADAUK Technology. PMS234-S28 Datasheet HTML 70Page - PADAUK Technology. PMS234-S28 Datasheet HTML 71Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
PMC234/PMS234 Series
12-bit ADC Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 67 of 107
PDK-DS-PMX234_V103 – Dec. 19, 2018
(2)
Configure interrupt for ADC: (if desired)
 Clear the ADC interrupt request flag in bit 3 of intrq register
 Enable the ADC interrupt request in bit 3 of inten register
 Enable global interrupt by issuing engint command
(3)
Start AD conversion:
 Set ADC process control bit in the adcc register to start the conversion (set1 adcc.6).
(4)
Wait for the completion flag of AD conversion, by either:
 Waiting for the completion flag by using command “wait1 addc.6”; or
 Waiting for the ADC interrupt.
(5)
Read the ADC result registers:
 Read adcrh and adcrl the result registers
(6)
For next conversion, goto step 1 or step 2 as required.
5-17-1. The input requirement for AD conversion
For the AD conversion to meet its specified accuracy, the charge holding capacitor (CHOLD) must be
allowed to fully charge to the voltage reference high level and discharge to the voltage reference low
level. The analog input model is shown as Fig. 25, the signal driving source impedance (Rs) and the
internal sampling switch impedance (Rss) will affect the required time to charge the capacitor CHOLD
directly. The internal sampling switch impedance may vary with ADC supply voltage; the signal driving
source impedance will affect accuracy of analog input signal.
User must ensure the measured signal is
stable before sampling; therefore, the maximum signal driving source impedance is highly dependent on
the frequency of signal to be measured.
Fig. 25: Analog Input Model
Before starting the AD conversion, the minimum signal acquisition time should be met for the selected
analog input signal. The signal acquisition time (TACQ) of ADC in PMC234/PMS234 series is fixed to one
clock period of ADCLK, the selection of ADCLK must be met the minimum signal acquisition time.


Similar Part No. - PMS234-S28

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS232 PADAUK-PMS232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D14 PADAUK-PMS232-D14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D18 PADAUK-PMS232-D18 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D20 PADAUK-PMS232-D20 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-S14 PADAUK-PMS232-S14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results

Similar Description - PMS234-S28

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com