Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS271 Datasheet(PDF) 62 Page - PADAUK Technology.

Part # PMS271
Description  Field Programmable Processor Array
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS271 Datasheet(HTML) 62 Page - PADAUK Technology.

Back Button PMS271 Datasheet HTML 58Page - PADAUK Technology. PMS271 Datasheet HTML 59Page - PADAUK Technology. PMS271 Datasheet HTML 60Page - PADAUK Technology. PMS271 Datasheet HTML 61Page - PADAUK Technology. PMS271 Datasheet HTML 62Page - PADAUK Technology. PMS271 Datasheet HTML 63Page - PADAUK Technology. PMS271 Datasheet HTML 64Page - PADAUK Technology. PMS271 Datasheet HTML 65Page - PADAUK Technology. PMS271 Datasheet HTML 66Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
PMC271/PMS271 Series
8-bit ADC FPPA
TM 8-bit Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 62 of 90
PDK-DS-PMX271-EN_V105 – Dec. 18, 2018
6.24. RESET Status Register (rstst), IO address = 0x25
Bit
Reset
(POR only)
R/W
Description
7 - 4
-
-
Reserved. Please don’t use..
3
-
R/W
MCU reset from external reset pin (PA5)? This bit is set to high whenever reset
occurs from PA5 pin, and reset only when writing “0” to clear this bit or POR
(power-on-reset) happens. 0 / 1 : No / Yes.
2
-
R/W
VDD had been lower than 4V? This bit is set to high whenever VDD under 4V and
reset only when writing “0” to clear this bit or POR (power-on-reset) happens.
0 / 1 : No / Yes.
1
-
R/W
VDD had been lower than 3V? This bit is set to high whenever VDD under 3V and
reset only when writing “0” to clear this bit or POR (power-on-reset) happens.
0 / 1 : No / Yes.
0
-
R/W
VDD had been lower than 2V? This bit is set to high whenever VDD under 2V and
reset only when writing “0” to clear this bit or POR (power-on-reset) happens.
0 / 1 : No / Yes.
6.25. MISC Register (misc), IO address = 0x3b
Bit
Reset
R/W
Description
7
0
-
Reserved
6
0
WO
Enable extremely low current for 32KHz crystal oscillator AFTER oscillation.
0: Normal.
1: Low driving current for 32KHz crystal oscillator.
5
0
WO
Enable fast Wake-up. Fast wake-up is NOT supported when EOSC is enabled.
0: Normal wake-up.
The wake-up time is 1024 ILRC clocks
1: Fast wake-up. (for
The wake-up time is 128 CLKs (system clock) + oscillator stable time.
If wake-up from STOPEXE suspend, there is no oscillator stable time;
If wake-up from STOPSYS suspend, it will be IHRC or ILRC stable time from
power-on.
Please notice that the clock source will be switched to system clock
(for example: 4MHz) when fast wakeup is enabled, therefore,
it is recommended to turn off the watchdog timer before enabling the fast wakeup
and turn on the watchdog timer after disabling the fast wakeup.
4
0
WO
Enable to generate half VDD on PA0/PA1/PA2/PA3 pins.
0 / 1 : Disable / Enable
3
0
WO
Recover time from LVR reset.
0: Normal. The system will take about 1024 ILRC clocks to boot up from LVR reset.
1: Fast. The system will take about 64 ILRC clocks to boot up from LVR reset.
2
0
WO
Disable LVR function.0 / 1 : Enable / Disable
1 - 0
00
WO
Watch dog time out period
00: 2048 ILRC clock period
01: 4096 ILRC clock period
10: 16384 ILRC clock period
11: 256 ILRC clock period


Similar Part No. - PMS271

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PMS210 PANJIT-PMS210 Datasheet
241Kb / 5P
   Surface Mount Glass Passivated Bridge Rectifier
REV.00 August 2,2022
PMS210_R2_00601 PANJIT-PMS210_R2_00601 Datasheet
241Kb / 5P
   Surface Mount Glass Passivated Bridge Rectifier
REV.00 August 2,2022
logo
PADAUK Technology.
PMS232 PADAUK-PMS232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D14 PADAUK-PMS232-D14 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMS232-D18 PADAUK-PMS232-D18 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results

Similar Description - PMS271

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
MCS11 PADAUK-MCS11 Datasheet
1Mb / 108P
   Field Programmable Processor Array
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
   Field Programmable Logic Array
logo
Motorola, Inc
MPAA020 MOTOROLA-MPAA020 Datasheet
76Kb / 8P
   FIELD PROGRAMMABLE ANALOG ARRAY
logo
List of Unclassifed Man...
AN10E40 ETC1-AN10E40 Datasheet
293Kb / 36P
   Field Programmable Analog Array
logo
NXP Semiconductors
N82S153A PHILIPS-N82S153A Datasheet
638Kb / 12P
   Field Programmable logic array(18 X 42 X 10)
May 23 1991
TM-1000 PHILIPS-TM-1000 Datasheet
198Kb / 8P
   Programmable Media Processor
1998
TM-1300 PHILIPS-TM-1300 Datasheet
6Mb / 533P
   Programmable Media Processor
2000 May 30
TM-1100 PHILIPS-TM-1100 Datasheet
342Kb / 8P
   Programmable Media Processor
September 1998
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com