Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4741 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4741
Description  70-W Quad-Output DC/DC Converter for DSL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4741 Datasheet(HTML) 4 Page - Texas Instruments

  PT4741 Datasheet HTML 1Page - Texas Instruments PT4741 Datasheet HTML 2Page - Texas Instruments PT4741 Datasheet HTML 3Page - Texas Instruments PT4741 Datasheet HTML 4Page - Texas Instruments PT4741 Datasheet HTML 5Page - Texas Instruments PT4741 Datasheet HTML 6Page - Texas Instruments PT4741 Datasheet HTML 7Page - Texas Instruments PT4741 Datasheet HTML 8Page - Texas Instruments PT4741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4741—48V
Output Ripple Vout1 vs ±Iout1 & ±Iout2
Performance Characteristics; Vin =48V
(See Note A)
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
70-W Quad-Output
DC/DC Converter for DSL
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
± Iout1 (A)
3.5A
2.0A
1.5A
1.0A
0.5A
± Iout2
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
± Iout2 (A)
2.5A
2.0A
1.5A
1.0A
0.5A
± Iout1
7.96
7.97
7.98
7.99
8
8.01
8.02
8.03
8.04
00.5
11.5
22.5
± Iout1 (A)
Vo (+)
Vo (–)
3.92
3.925
3.93
3.935
3.94
3.945
3.95
3.955
3.96
00.5
11.5
22.5
33.5
± Iout2 (A)
Vo (+)
Vo (–)
7.96
7.97
7.98
7.99
8
8.01
8.02
8.03
8.04
00.5
11.5
22.5
33.5
± Iout2 (A)
Vo (+)
Vo (–)
3.92
3.925
3.93
3.935
3.94
3.945
3.95
3.955
3.96
0
0.5
1
1.5
2
2.5
± Iout1 (A)
Vo (+)
Vo (–)
Output Ripple ±Vout2 vs ±Iout1 & ±Iout2
Load Regulation ±Vout1 vs ±Iout1
Load Regulation ±Vout2 vs ±Iout1
Cross Regulation ±Vout1 vs ±Iout2
Cross Regulation ±Vout2 vs ±Iout1
SLTS167A - APRIL 2002 - REVISED NOVEMBER 2002


Similar Part No. - PT4741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
PT4711A TI-PT4711A Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
PT4711C TI-PT4711C Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
PT4711N TI-PT4711N Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
More results

Similar Description - PT4741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
   1 W TRIPLE OUTPUT DC-DC CONVERTER
June 1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
   2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
logo
Power Integrations, Inc...
DI-69 POWERINT-DI-69 Datasheet
264Kb / 2P
   15 W Multi-Output DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com