Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFG2816U1M-DED Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KFG2816U1M-DED
Description  OneNAND SPECIFICATION
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2816U1M-DED Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KFG2816U1M-DED Datasheet HTML 4Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 5Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 6Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 7Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 8Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 9Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 10Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 11Page - Samsung semiconductor KFG2816U1M-DED Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
OneNAND128
FLASH MEMORY
8
4.2 67FBGA
NC
NC
INT
A0
A1
NC
A10
A6
NC
NC
WE
RP
DQ14
VSS
VSS
DQ13
DQ12
DQ8
DQ1
OE
DQ9
VCC
DQ7
DQ4
DQ11
DQ10
DQ3
VCC
DQ15
A12
DQ0
DQ5
DQ6
CE
DQ2
NC
NC
A9
AVD
A7
A11
A8
A4
A5
A2
A3
NC
Core
IO
CLK
(TOP VIEW, Balls Facing Down)
67ball FBGA OneNAND Chip
A15
A13
A14
RDY
67ball, 7.0mm x 9.0mm x max 1.0mmt , 0.8mm ball pitch FBGA
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC


Similar Part No. - KFG2816U1M-DED

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG2G1612M-DEB5 SAMSUNG-KFG2G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G1612M-DED5 SAMSUNG-KFG2G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB5 SAMSUNG-KFG2G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB6 SAMSUNG-KFG2G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DED5 SAMSUNG-KFG2G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Similar Description - KFG2816U1M-DED

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB5 SAMSUNG-KFG5616Q1A-DEB5 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com