Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143XU Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC143XU
Description  NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143XU Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC143XU Datasheet HTML 1Page - NXP Semiconductors PDTC143XU Datasheet HTML 2Page - NXP Semiconductors PDTC143XU Datasheet HTML 3Page - NXP Semiconductors PDTC143XU Datasheet HTML 4Page - NXP Semiconductors PDTC143XU Datasheet HTML 5Page - NXP Semiconductors PDTC143XU Datasheet HTML 6Page - NXP Semiconductors PDTC143XU Datasheet HTML 7Page - NXP Semiconductors PDTC143XU Datasheet HTML 8Page - NXP Semiconductors PDTC143XU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC143X series
NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
Rev. 09 — 26 July 2005
Product data sheet
Table 1:
Product overview
Type number
Package
PNP complement
Philips
JEITA
JEDEC
PDTC143XE
SOT416
SC-75
-
PDTA143XE
PDTC143XEF
SOT490
SC-89
-
PDTA143XEF
PDTC143XK
SOT346
SC-59A
TO-236
PDTA143XK
PDTC143XM
SOT883
SC-101
-
PDTA143XM
PDTC143XS [1]
SOT54
SC-43A
TO-92
PDTA143XS
PDTC143XT
SOT23
-
TO-236AB
PDTA143XT
PDTC143XU
SOT323
SC-70
-
PDTA143XU
s Built-in bias resistors
s Reduces component count
s Simplifies circuit design
s Reduces pick and place costs
s 100 mA output current capability
s Digital applications
s Cost-saving alternative for BC847 series
in digital applications
s Controlling IC inputs
s Switching loads
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
1.7
2.1
2.6


Similar Part No. - PDTC143XU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143XU PHILIPS-PDTC143XU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC143XU NXP-PDTC143XU Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
PDTC143XU NXP-PDTC143XU Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k?
Rev. 11-9 December 2011
logo
Nexperia B.V. All right...
PDTC143XU NEXPERIA-PDTC143XU Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
More results

Similar Description - PDTC143XU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
   PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
logo
NXP Semiconductors
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com