Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT59910A-5SOI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT59910A-5SOI
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59910A-5SOI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT59910A-5SOI Datasheet HTML 1Page - Integrated Device Technology IDT59910A-5SOI Datasheet HTML 2Page - Integrated Device Technology IDT59910A-5SOI Datasheet HTML 3Page - Integrated Device Technology IDT59910A-5SOI Datasheet HTML 4Page - Integrated Device Technology IDT59910A-5SOI Datasheet HTML 5Page - Integrated Device Technology IDT59910A-5SOI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59910A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
PIN CONFIGURATION
NOTE:
1. Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
Supply Voltage to Ground
–0.5 to +7
V
VI
DC Input Voltage
–0.5 to +7
V
Maximum Power Dissipation (TA = 85°C)
530
mW
TSTG
Storage Temperature
–65 to +150
°C
NOTE:
1. Capacitance applies to all inputs except TEST and FS. It is characterized but not
production tested.
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Typ.
Max.
Unit
CIN
InputCapacitance
5
7
pF
PIN DESCRIPTION
Pin Name
Type
Description
REF
IN
ReferenceClockInput
FB
IN
FeedbackInput
TEST(1)
IN
When MID or HIGH, disables PLL (except for conditions of Note 1). REF goes to all outputs. Set LOW for normal operation.
GND/ sOE(1)
IN
Synchronous Output Enable. When HIGH, it stops clock outputs (except Q2 and Q3) in a LOW state - Q2 and Q3 may be used as the
feedback signal to maintain phase lock. Set GND/sOE LOW for normal operation.
VCCQ/PE
IN
Selectablepositiveornegativeedgecontrol. WhenLOW/HIGHtheoutputsaresynchronizedwiththenegative/positiveedge ofthe
referenceclock.
FS(2)
IN
Frequency range select. 3 level input.
FS = GND: 15 to 35MHz
FS = MID (or open): 25 to 60MHz
FS = VCC: 40 to 100MHz
Q0 - Q7
OUT
Eightclockoutput
VCCN
PWR
Powersupplyforoutputbuffers
VCCQ
PWR
Powersupplyforphase lockedloop and other internal circuitry
GND
PWR
Ground
SOIC
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
REF
FS
NC
VCCQ/PE
Q0
Q1
GND
Q2
Q3
GND
TEST
NC
GND/sOE
Q7
Q6
GND
Q5
Q4
FB
VCCN
VCCN
VCCQ
VCCN
VCCN
NOTES:
1. When TEST = MID and GND/sOE = HIGH, PLL remains active.
2. This input is wired to Vcc, GND, or unconnected. Default is MID level. If it is switched in the real time mode, the outputs may glitch, and the PLL may require an additional
lock time before all data sheet limits are achieved.


Similar Part No. - IDT59910A-5SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-2JI IDT-IDT5991A-2JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-5JI IDT-IDT5991A-5JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-7JI IDT-IDT5991A-7JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT59910A-5SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com