Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6210 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC100ES6210
Description  Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6210 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC100ES6210 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
5
MC100ES6210
Figure 3. MC100ES6210 AC Test Reference
Table 6. AC Characteristics (ECL: VEE = 3.3 V ± 5% or VEE = 2.5 V ± 5%, VCC = GND) or
(PECL: VCC = 3.3 V ± 5% or VCC = 2.5 V ± 5%, VEE = GND, TJ = 0°C to +110°C)(1) (2)
1. AC characteristics are design targets and pending characterization.
2. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock Input Pair CLKA, CLKA, CLKB, CLKB (PECL or ECL differential signals)
VPP
Differential Input Voltage(3) (peak-to-peak)
3. VPP (AC) is the minimum differential ECL/PECL input voltage swing required to maintain AC characteristics including tPD and
device-to-device skew.
0.3
0.3
1.3
V
VCMR
Differential Input Crosspoint Voltage(4)
PECL
ECL
4. VCMR (AC) is the crosspoint of the differential ECL/PECL input signal. Normal AC operation is obtained when the crosspoint is within the
VCMR (AC) range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device
propagation delay, device and part-to-part skew.
1.2
VEE + 1.2
VCC – 0.3
–0.3 V
V
V
ECL Clock Outputs (Q0–9, Q0–9)
fCLK
Input Frequency
0
3000
MHz Differential
tPD
Propagation Delay
CLKA to QAx or CLKB to QBx
175
260
350
ps
Differential
VO(P-P)
Differential Output Voltage (peak-to-peak)
fO < 1.1 GHz
fO < 2.5 GHz
fO < 3.0 GHz
0.45
0.35
0.20
0.70
0.55
0.35
V
V
V
tsk(O)
Output-to-Output Skew (per bank)
13
30
ps
Differential
tsk(PP)
Output-to-Output Skew (part-to-part)
175
ps
Differential
tJIT(CC)
Output Cycle-to-Cycle Jitter
1
ps
tSK(P)
DCQ
Output Pulse Skew(5)
Output Duty Cycle
fREF < 0.1 GHz
fREF < 1.0 GHz
5. Output pulse skew is the absolute difference of the propagation delay times: | tPLH – tPHL |.
49.5
45.0
50
50
50
50.5
55.0
ps
%
%
DCREF = 50%
DCREF = 50%
tr, tf
Output Rise/Fall Time
30
250
ps
20% to 80%
Differential Pulse
Generator
Z = 50
RT = 50 Ω
ZO = 50 Ω
DUT
MC100ES6210
VTT
RT = 50 Ω
ZO = 50 Ω
VTT


Similar Part No. - MC100ES6210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210AC RENESAS-MC100ES6210AC Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210ACR2 RENESAS-MC100ES6210ACR2 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210KLF RENESAS-MC100ES6210KLF Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
More results

Similar Description - MC100ES6210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6111 MOTOROLA-MC100ES6111 Datasheet
136Kb / 12P
   LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com