Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1819H-08ST Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # P1819H-08ST
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1819H-08ST Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  P1819H-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P1819H-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
5 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
DC Electrical Characteristics
3.3 V, 25
° C
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
º C
TA
Operating temperature
0 to +70
º C
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
0.8
V
VIH
Input high voltage
2.00
VDD + 0.3
V
IIL
Input low current (inputs D_C,
PD#, MRS, FRS, SRS)
-60.0
-20.00
µA
IIH
Input high current
1.00
µA
IXOL
XOUT output low current
(@ 0.4 V, VDD = 3.3 V)
2.00
12.00
mA
IXOH
XOUT output high current
(@ 2.5 V, VDD = 3.3 V)
––
12.00
mA
VOL
Output low voltage
(VDD=3.3 V, IOL = 20 mA)
––
0.4
V
VOH
Output high voltage
(VDD=3.3 V, IOH = 20 mA)
––
2.8
V
IDD
Static supply current
Standby mode
–4.5
mA
ICC
Dynamic supply current
Normal mode (3.3 V and 25 pF
probe loading)
7.1
fIN-min
–26.9
fIN-max
mA
VDD
Operating voltage
3.3
V
tON
Power up time
(first locked clock cycle after
power up)
–0.18
mS
ZOUT
Clock output impedance
50


Similar Part No. - P1819H-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P1819 PULSECORE-P1819 Datasheet
180Kb / 8P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819 ONSEMI-P1819 Datasheet
264Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P1819 ONSEMI-P1819 Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
logo
Alliance Semiconductor ...
P1819A-08SR ALSC-P1819A-08SR Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P1819H-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com