Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I2308AF-4-16-ST Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5I2308AF-4-16-ST
Description  3.3V Zero-Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I2308AF-4-16-ST Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5I2308AF-4-16-ST Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I2308AF-4-16-ST Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
September 2005
ASM5P2308A
rev 1.4
3.3V Zero Delay Buffer
5 of 18
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Operating Conditions for ASM5P2308A Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100MHz
30
pF
CL
Load Capacitance, from 100MHz to 133MHz
15
pF
CIN
Input Capacitance
6
7
pF
Note:
6. Applies to both Ref Clock and FBK.
Electrical Characteristics for ASM5P2308A Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage
7
IOL = 8mA (-1, -2, -3, -4)
IOH = 12mA (-1H, -5H)
0.4
V
VOH
Output HIGH Voltage
7
IOL = -8mA (-1, -2, -3, -4)
IOH = -12mA (-1H, -5H)
2.4
V
(-2,-3,-4)
49
Unloaded outputs 100MHz REF
Select inputs at VDD or GND
(-1H,-5H)
60
Unloaded outputs, 66MHz REF (-1, -2, -3, -4)
34
IDD
Supply Current
8
Unloaded outputs, 33MHz REF (-1, -2, -3, -4)
18
mA
Note:
7. Parameter is guaranteed by design and characterization. Not 100% tested in production.
8. Supply Currents are measured for PLL-Bypass Mode (S2=1, S1=0)
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device
reliability.


Similar Part No. - ASM5I2308AF-4-16-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5I2308AF-4-16-ST PULSECORE-ASM5I2308AF-4-16-ST Datasheet
381Kb / 17P
   3.3V Zero-Delay Buffer
More results

Similar Description - ASM5I2308AF-4-16-ST

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com