Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V416S Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT71V416S
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT71V416S Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
JANUARY 2004
DSC-3624/09
1
©2004 Integrated Device Technology, Inc.
Features
256K x 16 advanced high-speed CMOS Static RAM
JEDEC Center Power / GND pinout for reduced noise.
Equal access and cycle times
– Commercial and Industrial: 10/12/15ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
LVTTL-compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Single 3.3V power supply
Available in 44-pin, 400 mil plastic SOJ package and a 44-
pin, 400 mil TSOP Type II package and a 48 ball grid array,
9mm x 9mm package.
Description
The IDT71V416 is a 4,194,304-bit high-speed Static RAM organized
as256Kx16.ItisfabricatedusingIDT’shigh-perfomance,high-reliability
CMOStechnology.Thisstate-of-the-arttechnology,combinedwithinno-
vativecircuitdesigntechniques,providesacost-effectivesolutionforhigh-
speed memory needs.
The IDT71V416 has an output enable pin which operates as fast as
5ns,withaddressaccesstimesasfastas10ns.Allbidirectionalinputsand
outputs of the IDT71V416 are LVTTL-compatible and operation is from a
single 3.3V supply. Fully static asynchronous circuitry is used, requiring
no clocks or refresh for operation.
The IDT71V416 is packaged in a 44-pin, 400 mil Plastic SOJ and a
44-pin, 400 mil TSOP Type II package and a 48 ball grid array, 9mm x
9mmpackage.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Select
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 - A17
Row / Column
Decoders
CS
WE
BHE
BLE
4,194,304-bit
Memory
Array
Sense
Amps
and
Write
Drivers
16
High
Byte
Output
Buffer
High
Byte
Write
Buffer
Low
Byte
Write
Buffer
Low
Byte
Output
Buffer
8
8
8
8
8
8
8
8
I/O 15
I/O 8
I/O 7
I/O 0
3624 drw 01
3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
IDT71V416S
IDT71V416L


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71V416YS3.3V CMOS Static RAM 4 Meg 256K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V4163.3V CMOS STATIC RAM 4 MEG 256K x 16-BIT 1 2 Integrated Device Technology
IDT71V416VS3.3V CMOS Static RAM 4 Meg 256K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V016SA3.3V CMOS Static RAM 1 Meg 64K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V0163.3V CMOS Static RAM 1 Meg 64K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IC61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IDT71V428S3.3V CMOS Static RAM 4 Meg 1M x 4-Bit 1 2 3 4 5 MoreIntegrated Device Technology
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IDT71V124SA3.3V CMOS Static RAM 1 Meg 128K x 8-Bit Center Power & Ground Pinout 1 2 3 4 5 MoreIntegrated Device Technology
IDT71028CMOS STATIC RAM 1 MEG 256K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn