Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1819B-08ST Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P1819B-08ST
Description  Notebook LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1819B-08ST Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P1819B-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation P1819B-08ST Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
November 2005
P1819
rev 1.7
Note Book LCD Panel EMI Reduction IC
2 of 9
Notice: The information in this document is subject to change without notice.
VDD
VDD
Pin Configuration
Pin Description
Pin#
1819A/B/C/D 1819E/F/G/H/Q
Pin Name
Type
Description
1
1
XIN / CLKIN
I
Crystal Connection or external frequency input.This pin
has dual functions. It can be connected to either an
external crystal or an external reference clock
2
2
VSS
P
Ground Connection. Connect to system ground.
3
SRS
I
Spread range select. Digital logic input used to select
frequency deviation (Refer Spread Deviation Selection
Table). This pin has an internal pull-up resistor.
3
D_C / NC
I
Digital logic input used to select Down (LOW) or Center
(HIGH) spread options (Refer Spread Deviation
Selection Table). This pin has an internal pull-up
resistor.
4
4
ModOUT
O
Spread spectrum clock output. (Refer Input Frequency
and Modulation Rate Table and Spread Deviation
Selection Table)
5
5
REF
O
Non-modulated Reference clock output of the input
frequency.
6
6
PD#
I
Power down control pin. Pull LOW to enable Power-
Down mode. This pin has an internal pull-up resistor.
7
7
VDD
P
Power Supply for the entire chip.
8
8
XOUT
O
Crystal Connection. Input connection for an external
crystal. If using an external reference, this pin must be
left unconnected.
Note: Pin 3 is NC in P1819Q
PD#
XOUT
REF
1
2
3
4
5
6
7
8
P1819 A/B/C/D
XIN/ CLKIN
VSS
SRS
ModOUT
REF
1
2
3
4
5
6
7
8
P1819 E/F/G/H/Q
XIN / CLKIN
VSS
D_C / NC
ModOUT
PD#
XOUT


Similar Part No. - P1819B-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1819B-08ST ALSC-P1819B-08ST Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
More results

Similar Description - P1819B-08ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
   Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
logo
PulseCore Semiconductor
P1707A PULSECORE-P1707A Datasheet
176Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
264Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com