Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM1233DZ-5F Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM1233DZ-5F
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233DZ-5F Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM1233DZ-5F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM1233DZ-5F Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ASM1233D-L/D/M
7 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.3
March 2005
Package Information
SOT-223
Symbol
Dimensions in Inches
Dimensions in millimeters
Min
Max
Min
Max
A
0.061
0.071
1.55
1.80
A1
0.0008
0.004
0.02
0.10
B
0.024
0.031
0.60
0.80
B1
0.114
0.122
2.90
3.10
C
0.009
0.013
0.24
0.32
D
0.248
0.264
6.30
6.70
E
0.130
0.146
3.30
3.70
e
0.090BSC
2.30 BSC
e1
0.181 BSC
4.60 BSC
H
0.264
0.287
6.70
7.30
L
0.036 MIN
0.91 MIN
L2
0.0024 MIN
0.06 BSC
α


Similar Part No. - ASM1233DZ-5F

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1233DZ-5F PULSECORE-ASM1233DZ-5F Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233DZ-5F ONSEMI-ASM1233DZ-5F Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results

Similar Description - ASM1233DZ-5F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
   Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
   Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
   Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
   Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
Alliance Semiconductor ...
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
   Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
   Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com