Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT3904WT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MMBT3904WT1
Description  GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3904WT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT3904WT1 Datasheet HTML 1Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 2Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 3Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 4Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 5Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 6Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 7Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 8Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
NPN and PNP Silicon
These transistors are designed for general purpose amplifier applications. They are
housed in the SOT–323/SC–70 which is designed for low power surface mount
applications.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
MMBT3904WT1
MMBT3906WT1
VCEO
40
–40
Vdc
Collector – Base Voltage
MMBT3904WT1
MMBT3906WT1
VCBO
60
–40
Vdc
Emitter – Base Voltage
MMBT3904WT1
MMBT3906WT1
VEBO
6.0
–5.0
Vdc
Collector Current — Continuous MMBT3904WT1
MMBT3906WT1
IC
200
–200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation(1)
TA = 25°C
PD
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBT3904WT1 = AM
MMBT3906WT1 = 2A
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(2)
(IC = 1.0 mAdc, IB = 0)
MMBT3904WT1
(IC = –1.0 mAdc, IB = 0)
MMBT3906WT1
V(BR)CEO
40
–40
Vdc
Collector – Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
MMBT3904WT1
(IC = –10 mAdc, IE = 0)
MMBT3906WT1
V(BR)CBO
60
–40
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
MMBT3904WT1
(IE = –10 mAdc, IC = 0)
MMBT3906WT1
V(BR)EBO
6.0
–5.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
MMBT3904WT1
(VCE = –30 Vdc, VEB = –3.0 Vdc)
MMBT3906WT1
IBL
50
–50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
MMBT3904WT1
(VCE = –30 Vdc, VEB = –3.0 Vdc)
MMBT3906WT1
ICEX
50
–50
nAdc
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
MMBT3904WT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
NPN
MMBT3904WT1
PNP
MMBT3906WT1
CASE 419–02, STYLE 3
SOT–323/SC–70
GENERAL PURPOSE
AMPLIFIER TRANSISTORS
SURFACE MOUNT
1
2
3
© Motorola, Inc. 1996


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn