Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I23S04A-1H-08-SR Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM5I23S04A-1H-08-SR
Description  3.3V SpreadTrak Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I23S04A-1H-08-SR Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM5I23S04A-1H-08-SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I23S04A-1H-08-SR Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
September 2005
ASM5P23S04A
rev 1.3
3.3 Zero ‘SpreadTrak’ Delay Buffer
8 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I23S04A Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30pF load, All devices
15
100
MHz
t1
Output Frequency
15pF load, -1H, -2H devices
15
133
MHz
t1
Output Frequency
15pF load, -1 and -2 devices
15
133
MHz
Duty Cycle
8 = (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <66.66MHz
30pF load
40.0
50.0
60.0
%
Duty Cycle
8= (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <50MHz
15pF load
45.0
50.0
55.0
%
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
30pF load
2.50
nS
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
15pF load
1.50
nS
t3
Output Rise Time
8
(-1H, -2H)
Measured between 0.8V and 2.0V
30pF load
1.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
30pF load
2.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
15pF load
1.50
nS
t4
Output Fall Time
8
(-1H, -2H)
Measured between 2.0V and 0.8V
30pF load
1.25
nS
Output-to-output skew on same bank (-1, -2)
8
All outputs equally loaded
200
Output-to-output skew (-1H, -2H)
All outputs equally loaded
200
Output bank A -to- output bank B skew (-1, -2H)
All outputs equally loaded
200
t5
Output bank A -to- output bank B skew (-2)
All outputs equally loaded
400
pS
t6
Delay, REF Rising Edge to FBK Rising Edge
8
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
8
Measured at VDD/2 on the FBK pins of the device
0
500
pS
t8
Output Slew Rate
8
Measured between 0.8V and 2.0V using
Test Circuit #2
1
V/nS
Measured at 66.67MHz, loaded outputs,
15pF load
180
Measured at 66.67MHz, loaded outputs,
30pF load
200
tJ
Cycle-to-cycle jitter
8
(-1, -1H, -2H)
Measured at 133MHz, loaded outputs,
15pF load
100
pS
Measured at 66.67MHz, loaded outputs, 30pF load
400
tJ
Cycle-to-cycle jitter
8
(-2)
Measured at 66.67 MHz, loaded outputs,
15pF load
380
pS
tLOCK
PLL Lock Time
8
Stable power supply, valid clock presented on REF
and FBK pins
1.0
mS
Note: 8. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM5I23S04A-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I23S04A-1H-08-SR ALSC-ASM5I23S04A-1H-08-SR Datasheet
226Kb / 13P
   3.3 V SpreadTrak Zero Delay Buffer
More results

Similar Description - ASM5I23S04A-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASMP5P23S09A ALSC-ASMP5P23S09A Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S09A ALSC-ASM5P23S09A Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASMP5P23S04A ALSC-ASMP5P23S04A Datasheet
226Kb / 13P
   3.3 V SpreadTrak Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com