Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9774AG-52-ET Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM5I9774AG-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9774AG-52-ET Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM5I9774AG-52-ET Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9774AG-52-ET Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
June 2005
ASM5I9774A
rev 0.3
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
9 of 12
Notice: The information in this document is subject to change without notice.
Figure 1. LVCMOS_CLK AC Test Reference for VDD = 3.3V/2.5V
Figure 2. LVCMOS Propagation Delay t(φ), Static Phase Offset
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (DC)
Figure 4. Output-to-Output Skew, tsk(O)
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
RT = 50 ohm
VTT
VTT
LVCMOS_CLK
VDD
VDD
VDD/2
VDD/2
GND
GND
t(
φ)
VDD
VDD/2
GND
tP
T0
t
SK(0)
VDD
VDD/2
GND
VDD
VDD/2
GND


Similar Part No. - ASM5I9774AG-52-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ER ALSC-ASM5I9772A-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ET ALSC-ASM5I9772A-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ER ALSC-ASM5I9772AG-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ET ALSC-ASM5I9772AG-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9774AG-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com