Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9774A-52-ER Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM5I9774A-52-ER
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9774A-52-ER Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM5I9774A-52-ER Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9774A-52-ER Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
June 2005
ASM5I9774A
rev 0.3
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
7 of 12
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VDD = 2.5V ± 5%, T
A = –40°C to +85°C)
1
Parameter
Description
Condition
Min
Typ
Max
Unit
f
VCO
VCO Frequency
200
-
400
MHz
÷8 Feedback
25
-
50
÷12 Feedback
16.6
-
33.3
÷16 Feedback
12.5
-
25
÷24 Feedback
8.3
-
16.6
÷32 Feedback
6.3
-
12.5
÷48 Feedback
4.2
-
8.3
f
in
Input Frequency
Bypass mode
(PLL_EN = 0)
0
-
200
MHz
f
refDC
Input Duty Cycle
25
-
75
%
t
r, tf
TCLK Input Rise/FallTime
0.7V to 1.7V
-
1.0
nS
÷4 Output
50
-
100
÷8 Output
25
-
50
÷12 Output
16.6
-
33.3
÷16 Output
12.5
-
25
f
MAX
Maximum Output Frequency
÷24 Output
8.3
-
16.6
MHz
DC
Output Duty Cycle
45
-
55
%
t
r, tf
Output Rise/Fall times
0.7V to 1.8V
0.1
-
0.75
nS
t(φ)
Propagation Delay
(static phase offset)
TCLK to FB_IN, does
not include jitter
–100
-
100
pS
t
sk(O)
Output-to-Output Skew
Skew within Bank
-
-
150
pS
Banks at same
frequency
-
-
150
tsk(B)
Bank-to-Bank Skew
Banks at different
frequency
-
-
200
pS
t
PLZ, HZ
Output Disable Time
-
-
10
nS
t
PZL, ZH
Output Enable Time
-
-
10
nS
BW
PLL Closed Loop Bandwidth
(–3 dB)
-
0.5 -1.0
-
MHz
Same frequency
-
-
100
t
JIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
-
-
250
pS
t
JIT(PER)
Period Jitter
-
-
100
pS
t
JIT(φ)
I/O Phase Jitter
-
-
125
pS
t
LOCK
Maximum PLL Lock Time
-
-
1
mS
Note: 1. AC characteristics apply for parallel output termination of 50Ω to VTT. Outputs are at same supply voltage unless otherwise stated. Parameters are
guaranteed by characterization and are not 100% tested.


Similar Part No. - ASM5I9774A-52-ER

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ER ALSC-ASM5I9772A-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ET ALSC-ASM5I9772A-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ER ALSC-ASM5I9772AG-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ET ALSC-ASM5I9772AG-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9774A-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com