Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9773A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5I9773A
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9773A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5I9773A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9773A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
June 2005
ASM5I9773A
rev 0. 3
2.5V or 3.3V, 200 MHz, 12-Output Zero Delay Buffer
2 of 16
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
AVSS
MR#/OE
SCLK
FB_SEL2
PLL_EN
REF_SEL
TCLK_SEL
TCLK0
TCLK1
PECL_CLK
SDATA
FB_IN
QB3
VDDQB
QB2
VSS
QB1
VDDQB
QB0
VSS
VSS
FB_OUT
1
2
4
3
5
6
7
8
9
10
11
52 51 50 49 48 47 46 45 44
41 40
14 15 16 17 18 19 20 21 22 23 24
39
38
37
36
35
34
33
32
31
30
29
ASM5I9773A
12
13
25 26
27
28
43 42
PECL_CLK#
AVDD
VDD
FB_SEL0
Sync
Frz
Sync
Frz
Sync
Frz
Sync
Frz
Sync
Frz
Sync
Frz
D Q
D Q
D Q
D Q
D Q
D Q
D Q
0
1
/2
Output Disable
Circuitry
12
Power-On
Reset
0
1
VCO
Phase
Detector
LPF
0
1
/4,/6,/8,/12
/4,/6,/8,/10
/2,/4,/6,/8
/4,/6,/8,/10
Sync Pulse
Data Generator
2
2
2
2
PECL_CLK
PECL_CLK#
VCO_SEL
PLL_EN
REF_SEL
TCLK0
TCLK1
TCLK_SEL
FB_IN
FB_SEL2
MR#/OE
SELA(0,1)
SELB(0,1)
SELC(0,1)
FB_SEL(0,1)
SCLK
SDATA
INV_CLK
SYNC
FB_OUT
QC3
QC2
QC1
QC0
QB3
QB2
QB1
QB0
QA3
QA2
QA1
QA0


Similar Part No. - ASM5I9773A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ER ALSC-ASM5I9772A-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ET ALSC-ASM5I9772A-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ER ALSC-ASM5I9772AG-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ET ALSC-ASM5I9772AG-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9773A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com