Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9653A-32-LR Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM5I9653A-32-LR
Description  3.3V 1:8 LVCMOS PLL Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9653A-32-LR Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM5I9653A-32-LR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5I9653A-32-LR Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
July 2005
ASM5I9653A
rev 0.2
3.3V 1:8 LVCMOS PLL Clock Generator
11 of 13
Notice: The information in this document is subject to change without notice.
32-lead LQFP Package
SECTION A-A
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.0630
1.6
A1
0.0020
0.0059
0.05
0.15
A2
0.0531
0.0571
1.35
1.45
D
0.3465
0.3622
8.8
9.2
D1
0.2717
0.2795
6.9
7.1
E
0.3465
0.3622
8.8
9.2
E1
0.2717
0.2795
6.9
7.1
L
0.0177
0.0295
0.45
0.75
L1
0.03937 REF
1.00 REF
T
0.0035
0.0079
0.09
0.2
T1
0.0038
0.0062
0.097
0.157
b
0.0118
0.0177
0.30
0.45
b1
0.0118
0.0157
0.30
0.40
R0
0.0031
0.0079
0.08
0.20
e
0.031 BASE
0.8 BASE
a


Similar Part No. - ASM5I9653A-32-LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658-32-ER ALSC-ASM5I9658-32-ER Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658-32-LR ALSC-ASM5I9658-32-LR Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658G-32-ER ALSC-ASM5I9658G-32-ER Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658G-32-LR ALSC-ASM5I9658G-32-LR Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9653A-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
   3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com