Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9653A Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM5I9653A
Description  3.3V 1:8 LVCMOS PLL Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9653A Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM5I9653A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9653A Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
July 2005
ASM5I9653A
rev 0.2
3.3V 1:8 LVCMOS PLL Clock Generator
8 of 13
Notice: The information in this document is subject to change without notice.
Figure 6. Single versus Dual Transmission Lines
The waveform plots in Figure 7 .Single versus Dual Line
Termination Waveforms show the simulation results of an
output driving a single line versus two lines. In both cases
the drive capability of the ASM5I9653A output buffer is
more than sufficient to drive 50Ω transmission lines on
the incident edge. Note from the delay measurements in
the simulations a delta of only 43ps exists between the
two differently loaded outputs. This suggests that the dual
line driving need not be used exclusively to maintain the
tight output-to-output skew of the ASM5I9653A. The
output waveform in Figure 7 Single versus Dual Line
Termination Waveforms shows a step in the waveform,
this step is caused by the impedance mismatch seen
looking into the driver. The parallel combination of
the
36Ω series resistor plus the output impedance does not
match the parallel combination of the line impedances.
The voltage wave launched down the two lines will equal:
VL = VS ( Z0 ÷ (RS+R0 +Z0))
Z0 = 50Ω || 50Ω
RS = 36 Ω || 36 Ω
R0 = 14 Ω
VL = 3.0 ( 25
⎟ (18+14+25)
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.6V. It will then increment
towards the quiescent 3.0V in steps separated by one
round trip delay (in this case 4.0nS).
Figure 7. Single versus Dual Waveforms
Since this step is well above the threshold region it will
not cause any false clock triggering, however designers
may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving
multiple lines the situation in Figure 8 .Optimized Dual
Line Termination should be used. In this case the series
terminating resistors are reduced such that when the
parallel combination is added to the output buffer
impedance the line impedance is perfectly matched.
14
Ω + 22Ω _ 22Ω = 50Ω _ 50Ω
25
Ω = 25Ω
Figure 8. Optimized Dual Line Termination
ASM5I9653A
OUTPUT BUFFER
14Ω
IN
OUTA
Z0=15Ω
RS=36Ω
ASM5I9653A
OUTPUT BUFFER
14Ω
IN
OUTB1
Z0=15Ω
RS=36Ω
OUTB0
Z0=15Ω
RS=36Ω
ASM5I9653A
OUTPUT BUFFER
14Ω
IN
Z0=15Ω
RS=22Ω
Z0=15Ω
RS=22Ω


Similar Part No. - ASM5I9653A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658-32-ER ALSC-ASM5I9658-32-ER Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658-32-LR ALSC-ASM5I9658-32-LR Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658G-32-ER ALSC-ASM5I9658G-32-ER Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658G-32-LR ALSC-ASM5I9658G-32-LR Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9653A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9653 MOTOROLA-MPC9653 Datasheet
292Kb / 12P
   3.3V 1:8 LVCMOS PLL CLOCK GENERATOR
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com