Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9350G-32-LT Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM5I9350G-32-LT
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350G-32-LT Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM5I9350G-32-LT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9350G-32-LT Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
11 of 12
Notice: The information in this document is subject to change without notice.
Ordering Information
Part Number
Marking
Package Type
Temperature
ASM5I9350-32-ET
ASM5I9350
32-pin TQFP
Industrial
ASM5I9350-32-LT
ASM5I9350
32-pin LQFP –Tape and Reel
Industrial
ASM5I9350G-32-ET
ASM5I9350G
32-pin TQFP, Green
Industrial
ASM5I9350G-32-LT
ASM5I9350G
32-pin LQFP –Tape and Reel, Green
Industrial
Device Ordering Information
ASM
5I9350
F-32-LT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE
R = Tape & reel, T = Tube or Tray


Similar Part No. - ASM5I9350G-32-LT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-ET ALSC-ASM5I9351-32-ET Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-LT ALSC-ASM5I9351-32-LT Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-ET ALSC-ASM5I9351G-32-ET Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-LT ALSC-ASM5I9351G-32-LT Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results

Similar Description - ASM5I9350G-32-LT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com