Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1873155 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1873155
Description  IC 2,5/12-ST-5,08
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1873155 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1873155 Datasheet HTML 1Page - PHOENIX CONTACT 1873155 Datasheet HTML 2Page - PHOENIX CONTACT 1873155 Datasheet HTML 3Page - PHOENIX CONTACT 1873155 Datasheet HTML 4Page - PHOENIX CONTACT 1873155 Datasheet HTML 5Page - PHOENIX CONTACT 1873155 Datasheet HTML 6Page - PHOENIX CONTACT 1873155 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 7
http://www.phoenixcontact.de
Mar 19, 2010
Extract from the online
catalog
 
IC 2,5/12-ST-5,08
Order No.: 1786271
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786271
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 12, Connection type: Screw
connection, Color: green
 
Commercial data
EAN
4017918042424
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.020641 KG
Catalog page information
Page 208 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
55.88 mm
Number of positions
12
Screw thread
M3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn