Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RBG-8SI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1LV1616RBG-8SI
Description  16Mb superSRAM (1M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RBG-8SI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1LV1616RBG-8SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 9Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 10Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 11Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 12Page - Renesas Technology Corp R1LV1616RBG-8SI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
R1LV1616R Series
Rev.1.00
2004.04.13
page 9 of 16
Write Cycle
Note
1.
tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. AT any given temperature and voltage condition,
tHZ max is less than tLZ min both for a given device and
form device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#.
A write begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB#
going low or UB# going low .
A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going high and LB#
going high or UB# going high.
tWP is measured from the beginning of write to the end of write.
5.
tCW is measured from the later of CS1# going low or CS2 going high to end of write.
6.
tAS is measured the address valid to the beginning of write.
7.
tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.
1,2
ns
30
0
25
0
tWHZ
Write to output in high-Z
Write pulse width
1,2
ns
30
0
25
0
tOHZ
Output disable to output in high-Z
2
ns
-
5
-
5
tOW
Output active from end of write
ns
-
0
-
0
tDH
Data hold from write time
ns
-
40
-
35
tDW
Data to write time overlap
7
ns
-
0
-
0
tWR
Write recovery time
6
ns
-
0
-
0
tAS
Address setup time
ns
-
70
-
65
tBW
LB#,UB# valid to end of write
4
ns
-
60
-
55
tWP
5
ns
-
70
-
65
tCW
Chip selection to end of write
ns
-
70
-
65
tAW
Address valid to end of write
ns
-
85
-
70
tWC
Write cycle time
Max.
Min.
Max.
Min.
Notes
Unit
R1LV1616R**-8S
R1LV1616R**-7S
Symbol
Parameter


Similar Part No. - R1LV1616RBG-8SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RBG-8SI RENESAS-R1LV1616RBG-8SI Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBG-8SI RENESAS-R1LV1616RBG-8SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RBG-8SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
logo
Samsung semiconductor
K6F1616U6C SAMSUNG-K6F1616U6C Datasheet
156Kb / 10P
   16Mb(1M x 16 bit) Low Power SRAM
logo
Renesas Technology Corp
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
logo
Maxim Integrated Produc...
DS1270W MAXIM-DS1270W Datasheet
156Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
110602
logo
Micron Technology
MT58L1MY18D MICRON-MT58L1MY18D Datasheet
526Kb / 34P
   16Mb SYNCBURST??SRAM
logo
Sharp Corporation
ID245K01 SHARP-ID245K01 Datasheet
2Mb / 35P
   16MB Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com