Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHB-0802R-YG Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-0802R-YG
Description  2.1x0.6mm RIGHT ANGLE SURFACE LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-0802R-YG Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-0802R-YG Datasheet HTML 1Page - Gilway Technical Lamp GHB-0802R-YG Datasheet HTML 2Page - Gilway Technical Lamp GHB-0802R-YG Datasheet HTML 3Page - Gilway Technical Lamp GHB-0802R-YG Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV NO: V.3
DATE:DEC/17/2002
PAGE: 1 OF 4
Notes:
1. All dimensions are in millimeters (inch).
2. Tolerance is 0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
!
2.1mmx0.6mm SMT LED, 1.0mm THICKNESS.
!
LOW POWER CONSUMPTION.
!
WIDE VIEWING ANGLE.
!
IDEAL FOR BACKLIGHT AND INDICATOR.
!
VARIOUS COLORS AND LENS TYPES AVAILABLE.
!
PACKAGE : 2000PCS / REEL.
Package Dimensions
2.1x0.6mm RIGHT ANGLE SURFACE LED
Description
The Mega Green source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting
Diode.
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
GHB-0802R-YG


Similar Part No. - GHB-0802R-YG

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0802R-Y GILWAY-GHB-0802R-Y Datasheet
143Kb / 4P
   2.1x0.6mm SMD CHIP LED LAMP
More results

Similar Description - GHB-0802R-YG

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0802R-O GILWAY-GHB-0802R-O Datasheet
136Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED
GHB-0802R-R GILWAY-GHB-0802R-R Datasheet
137Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED
GHB-0802R-B GILWAY-GHB-0802R-B Datasheet
143Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED
logo
SunLED Corporation
ZMG74W SUNLED-ZMG74W Datasheet
187Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED
logo
Kingbright Corporation
APA2106PBC-Z KINGBRIGHT-APA2106PBC-Z Datasheet
197Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZM2CR74W SUNLED-ZM2CR74W Datasheet
188Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC KINGBRIGHT-APA2106VGC Datasheet
282Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZUY74W SUNLED-ZUY74W Datasheet
187Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUR74W SUNLED-ZUR74W Datasheet
189Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106SYCK KINGBRIGHT-APA2106SYCK Datasheet
292Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com