Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6021SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM6021SC
Description  100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6021SC Datasheet(HTML) 1 Page - International Rectifier

  OM6021SC Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.1 - 89
3.1
100V Thru 500V, Up To 35 Amp, N-Channel
Power MOSFETs In JEDEC TO-259AA Package
4 11 R2
Supersedes 1 08 R1
POWER MOSFETS IN HERMETIC PACKAGE
OM6023SC
OM6024SC
OM6021SC
OM6022SC
FEATURES
Isolated Side-Tab Hermetic Metal Package
Fast Switching, Low Drive Current
Ease of Paralleling For Added Power
Low R
DS(on)
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET
and packaging technology. They are ideally suited for Military requirements where
small size, high performance and high reliability are required, and in applications such
as switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits.
MAXIMUM RATINGS
PART NUMBER
V
DS
R
DS(ON)
I
D
OM6021SC
100V
.065W
35A
OM6022SC
200V
.095W
30A
OM6023SC
400V
.3W
15A
OM6024SC
500V
.4W
13A
SCHEMATIC
PIN CONNECTION
123
1 Drain
2 Source
3 Gate


Similar Part No. - OM6021SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6020SA ETC-OM6020SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
logo
International Rectifier
OM6025SC IRF-OM6025SC Datasheet
42Kb / 4P
   Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
   Isolated Hermetic Metal Package
More results

Similar Description - OM6021SC

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD05N50 POTENS-PDD05N50 Datasheet
476Kb / 5P
   500V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P5F50HP2F SHINDENGEN-P5F50HP2F Datasheet
1Mb / 8P
   Power MOSFETs 500V, 5A, N-channel
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
   POWER MOSFETS IN A TO-3 PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
logo
Shindengen Electric Mfg...
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 30A, N-channel
P50LF10SL SHINDENGEN-P50LF10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 50A, N-channel
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 19A, N-channel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com