Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMXZ2V4TO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMXZ2V4TO
Description  SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXZ2V4TO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXZ2V4TO Datasheet HTML 1Page - Central Semiconductor Corp CMXZ2V4TO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXZ2V4TO
THRU
CMXZ47VTO
SURFACE MOUNT, TRIPLE, ISOLATED,
OPPOSING SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
5% TOLERANCE
SOT-26 CASE
Central
Semiconductor Corp.
TM
R1 (1-December 2003)
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMXZ2V4TO Series consists of three (3) Isolated
Silicon Zener Diodes arranged in an alternating
configuration and packaged in a surface mount
SOT-26 case. These high quality voltage
regulators are for use in industrial, commercial,
entertainment and computer applications.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C), VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µµA
VOLTS
mA
% / °C
CMXZ2V4TO*
2.280
2.4
2.520
5.0
100
600
1.0
50
1.0
104
-0.06
CZ2V4
CMXZ2V7TO*
2.565
2.7
2.835
5.0
100
600
1.0
20
1.0
92
-0.06
CZ2V7
CMXZ3V0TO*
2.850
3.0
3.150
5.0
95
600
1.0
10
1.0
83
-0.06
CZ3V0
CMXZ3V3TO*
3.135
3.3
3.465
5.0
95
600
1.0
5.0
1.0
76
-0.06
CZ3V3
CMXZ3V6TO*
3.420
3.6
3.780
5.0
90
600
1.0
5.0
1.0
69
-0.06
CZ3V6
CMXZ3V9TO*
3.705
3.9
4.095
5.0
90
600
1.0
3.0
1.0
64
-0.06
CZ3V9
CMXZ4V3TO*
4.085
4.3
4.515
5.0
90
600
1.0
3.0
1.0
58
-0.05
CZ4V3
CMXZ4V7TO*
4.465
4.7
4.935
5.0
80
500
1.0
3.0
2.0
53
-0.03
CZ4V7
CMXZ5V1TO*
4.845
5.1
5.335
5.0
60
480
1.0
2.0
2.0
49
0.02
CZ5V1
CMXZ5V6TO*
5.320
5.6
5.880
5.0
40
400
1.0
1.0
2.0
45
0.03
CZ5V6
CMXZ6V2TO*
5.890
6.2
6.510
5.0
10
150
1.0
3.0
4.0
40
0.04
CZ6V2
CMXZ6V8TO*
6.460
6.8
7.140
5.0
15
80
1.0
2.0
4.0
37
0.05
CZ6V8
CMXZ7V5TO*
7.125
7.5
7.875
5.0
15
80
1.0
1.0
5.0
33
0.05
CZ7V5
CMXZ8V2TO*
7.790
8.2
8.610
5.0
15
80
1.0
0.7
5.0
30
0.06
CZ8V2
CMXZ9V1TO*
8.645
9.1
9.555
5.0
15
100
1.0
0.5
6.0
27
0.06
CZ9V1
CMXZ10VTO*
9.50
10.0
10.50
5.0
20
150
1.0
0.2
7.0
25
0.07
CZ10V
CMXZ11VTO*
10.45
11.0
11.55
5.0
20
150
1.0
0.1
8.0
23
0.07
CZ11V
CMXZ12VTO*
11.40
12.0
12.60
5.0
25
150
1.0
0.1
8.0
21
0.07
CZ12V
CMXZ13VTO*
12.35
13.0
13.65
5.0
30
170
1.0
0.1
8.0
19
0.08
CZ13V
CMXZ15VTO*
14.25
15.0
15.75
5.0
30
200
1.0
0.05
10.5
17
0.08
CZ15V
CMXZ16VTO*
15.20
16.0
16.80
5.0
40
200
1.0
0.05
11.2
16
0.08
CZ16V
CMXZ18VTO*
17.10
18.0
18.90
5.0
45
225
1.0
0.05
12.6
14
0.08
CZ18V
CMXZ20VTO*
19.0
20.0
21.0
5.0
55
225
1.0
0.05
14.0
12
0.08
CZ20V
* Available on special order, consult factory.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn