Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80830CLUA-B8Q-T2 Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S-80830CLUA-B8Q-T2
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80830CLUA-B8Q-T2 Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-80830CLUA-B8Q-T2 Datasheet HTML 21Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 22Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 23Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 24Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 25Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 26Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 27Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 28Page - Seiko Instruments Inc S-80830CLUA-B8Q-T2 Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
25
2. S-80844KLUA-D2A-T2, S-80844KLY-x
Table 19
(Ta
=25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
4.295
4.450
*2
4.605
V
1
Release voltage
+VDET
4.700
Current consumption
ISS
VDD
=6.0 V
1.0
3.0
µA
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
VDD
=1.2 V
0.23
0.50
mA
3
Output transistor,
Nch, VDS
=0.5 V
VDD
=2.4 V
1.60
3.70
Output transistor,
Pch, VDS
=0.5 V
VDD
=4.8 V
0.36
0.62
4
Response time
tPLH
60
µs
1
Detection voltage
temperature
coefficient
*3
DET
DET
V
Ta
V
Ta
=−40°C to 85°C
±100
±350
ppm/°C
*1.
−VDET: Actual detection voltage value
*2.
Specified detection voltage value (
−VDET(S))
*3.
The temperature change ratio in the detection voltage [mV/°C] is calculated by using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
÷
°
×
=
°
3
*
2
*
*1
*1.
Temperature change ratio of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


Similar Part No. - S-80830CLUA-B8Q-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80830CLUA-B6PT2G SII-S-80830CLUA-B6PT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-80830CLUA-B6PT2X ABLIC-S-80830CLUA-B6PT2X Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
More results

Similar Description - S-80830CLUA-B8Q-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com