Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFGHL75T65SQDT Datasheet(PDF) 7 Page - ON Semiconductor

Part # AFGHL75T65SQDT
Description  Field Stop Trench IGBT 650 V, 75 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AFGHL75T65SQDT Datasheet(HTML) 7 Page - ON Semiconductor

  AFGHL75T65SQDT Datasheet HTML 1Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 2Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 3Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 4Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 5Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 6Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 7Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 8Page - ON Semiconductor AFGHL75T65SQDT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AFGHL75T65SQDT
www.onsemi.com
7
TYPICAL CHARACTERISTICS (continued)
Figure 19. Stored Charge
Figure 20. Transient Thermal Impedance of IGBT
Figure 21. Transient Thermal Impedance of Diode
0
500
1000
1500
2000
2500
020
40
60
80
Forward Current, VF [V]
TC = 255C
T = 1755C
di/dt = 200A/uS
di/dt = 100A/uS
0.01
0.1
1
Rectangular Pulse Duration [sec]
Single Pulse
0.01
0.5
0.2
0.05
0.02
10−5
10−4
10−3
10 −2
10 −1
0.001
0.01
0.1
1
0.00001
1
10
Rectangular Pulse Duration [sec]
Single Pulse
0.01
0.5
0.2
0.05
0.02
C
0.1
0.1
10 0
10 1
P DM
1
t
t2
Duty Factor, D = t1/t2
j
c
Peak T = Pdm x Zthjc + T
P DM
1
t
t2
Duty Factor, D = t1/t2
j
c
Peak T = Pdm x Zthjc + T
10−5
10−4
10−3
10 −2
10 −1
10 0
10 1


Similar Part No. - AFGHL75T65SQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
   Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
More results

Similar Description - AFGHL75T65SQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
   IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
FGH75T65SHDTL4 ONSEMI-FGH75T65SHDTL4 Datasheet
575Kb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
   Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
   Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
   Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
   Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com