Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHB-3M50-Y Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GHB-3M50-Y
Description  T-1 (3mm) SOLID LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-3M50-Y Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GHB-3M50-Y Datasheet HTML 1Page - Gilway Technical Lamp GHB-3M50-Y Datasheet HTML 2Page - Gilway Technical Lamp GHB-3M50-Y Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
REV NO: V.2
DATE: MAR/05/2003
PAGE: 2 OF 3
Selection Guide
Note:
1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Absolute Maximum Ratings at TA=25 C
art No.
P.
PPaaarrrttt N
N
Nooo..
P.
art No
Pe
ic
De
D
Diiic
c
ce
e
De
ic
De
ens Typ
Le
LLeeennnsss TTTyyy pppee
Le
v(mcd)
Lens Typ
I)
IIvvv (((m
m
mcccddd))
I)
Iv (mcd
iewing
@20mA
Vg
VViiieeew
w
wiiinnngg
Vg
Viewin
Angle
in.
M.
M
Miiin
n
n..
M.
in
M.
yp
T.
TTyyyppp..
T.
Typ
)
UPER BRIGHT YELLOW (InGaAlP
S
R
ATER CLE A
W0
8
40
0
90
5
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
ymbol
Sl
SSyyy m
m
mbbboooll
Sl
ymbo
Sr
aramete
Pr
PPaaarrraaam
m
meeettteeerr
Pr
aramete
Pe
evic
De
D
Deeevvviiicccee
De
evic
D.
yp
T.
TTyyyppp..
T.
yp
T.
ax
M.
M
Maaaxxx ..
M.
ax
Ms
nit
Us
U
Unnniiitttss
Us
nit
Us
est Conditio n
Ts
TTeeesss ttt C
C
Cooonnndddiiitttiiiooonnnss
Ts
Test Conditio n
peak
eak Wavelength
Pw
uper Bright Yello
S0
9
5m
nIF =20mA
D
ominate Wavelength
Dw
Super Bright Yello
H9
8
5m
nIF =20mA
1/2
pectral Line Half-width
Sw
uper Bright Yello
S0
2m
nIF =20mA
Ce
apacitanc
Cw
uper Bright Yello
S5
4F
pV F =0V;f=1MHz
VF
orward Voltage
Fw
uper Bright Yello
S3
.
28
.
2V
IF =20mA
IR
everse Current
Rw
uper Bright Yello
S0
1A
uV R =5 V
arameter
Pr
PPaaarrraaam
m
meeettteeerr
Pr
Paramete
up er Bri gh t Yellow
Sw
Sw
Ss
nit
Us
U
Unnniiitttss
Us
Unit
Power dissipation
20
1W
m
DC Forward Current
0
3A
m
Peak Forward Current [1]
40
1A
m
Reverse Voltage
5V
Operating/Storage Temperature
-40 C To +85 C
Lead Solder Temperature [2]
260 C For 5 Seconds
GHB-3M50-Y


Similar Part No. - GHB-3M50-Y

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-3M50-YG GILWAY-GHB-3M50-YG Datasheet
124Kb / 3P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - GHB-3M50-Y

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-3M35-O GILWAY-GHB-3M35-O Datasheet
124Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M20-B2 GILWAY-GHB-3M20-B2 Datasheet
124Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M60D-B GILWAY-GHB-3M60D-B Datasheet
117Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M60D-Y GILWAY-GHB-3M60D-Y Datasheet
124Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M20-B GILWAY-GHB-3M20-B Datasheet
125Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M40D-Y GILWAY-GHB-3M40D-Y Datasheet
124Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M60D-O GILWAY-GHB-3M60D-O Datasheet
121Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M30D-B GILWAY-GHB-3M30D-B Datasheet
125Kb / 3P
   T-1 (3mm) SOLID LED LAMP
GHB-3M40D-O GILWAY-GHB-3M40D-O Datasheet
124Kb / 3P
   T-1 (3mm) SOLID LED LAMP
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com