Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4017A Datasheet(PDF) 1 Page - B&K Precision Corporation

Part No. 4017A
Description  Function Generators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4017A Datasheet(HTML) 1 Page - B&K Precision Corporation

  4017A Datasheet HTML 1Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function Generators
Models 4017A & 4040A
Data sheet
Technical data subject to change
© B&K Precision Corp. 20
20
v0
71420
w w w.bk prec ision.c om
Tel.: 714.921.9095
I
0.2 Hz to 20 MHz
I
Sine, Square, Triangle,
Pulse, & Ramp output
I
Coarse and Fine tuning
I
AM & FM modulation
I
Burst operation
I
External frequency
counter to 30 MHz
I
Linear and log sweep
I
Variable duty cycle
I
Variable DC offset
I
cUL certified
I
0.1 Hz to 10 MHz
I
Sine, Square, Triangle,
Pulse, & Ramp output
I
Coarse and Fine tuning
I
5 digit LED display
I
Linear and log sweep
I
Variable duty cycle
I
Variable DC offset
I
cUL certified
4017A
10 MHz Sweep
Function Generator
4040A
20 MHz Sweep
Function Generator
These analog function generators offer familiar controls, stable
output, and reliable operation at budget-saving price points.
Specifications
4017A
4040A
Frequency Characteristics
Waveforms
Sine, Square, Triangle, ±Pulse, ±Ramp
Range
0.1 Hz to 10 MHz in 8 ranges
0.2 Hz to 20 MHz in 8 ranges
Resolution
5 digits
5 digits
Tuning Range
10:1
10:1
Fine
±5% of coarse setting
±5% of coarse setting
Variable Duty Cycle
15:85:15 cont variable
15:85:15 cont variable
Operating Modes
Normal, sweep, VCG
Normal,sweep, VCG, AM, FM,burst
Output Characteristics
Impedance
50Ω ±10%
Level
20 V p-p Open circuit, 10V p-p into 50Ω
Amplitude
Variable, 20 dB range typical
Attenuation
-20 dB ±1dB
DC Offset
Preset ±0.1 V typ Variable: ±10V open-circuit ±5 into 50Ω
Sine Wave
Distortion
≤ 3% typical at 1 kHz
Flatness
(at 3 Vp-p)
±5% (.45 dB) 0.1 Hz to 8 MHz
±20% (2.0 dB) 8 MHz to 10 MHz
±5% (.45 dB) 10 Hz to 8 MHz
±20% (2.0 dB) 8 MHz to 20 MHz
Square wave
Symmetry
0.1 Hz to 100 kHz <2%
0.2 Hz to 100 kHz <2%
Rise time
≤ 30 ns
Triangle Wave
Linearity: ≥ 98% to 100 kHz
TTL Output
Level
0.8V to 2.4V
Rise time
≤ 20 nS
Duty Cycle
50% typical
CMOS Output
Max. Frequency
2 MHz
Level
4V to 14V ±0.5 p-p cont. variable
Rise Time
≤ 120 nS
VCG (Voltage controlled generator)
Input Voltage
0-10V ±1V causes a 100:1 frequency change
Impedance
10kΩ ±5%
Sweep Operation
Mode
LIN/LOG
Width
100:1 continuously variable
Rate
0.5 s to 30 s cont variable
20 ms to 2 s cont variable
Sweep Output
0 to 10 V
0 to 2 V
Start/Stop Frequencies
NA
Adjustable
Frequency Counter
Accuracy
Time base accuracy ±1 count
Time Base Accuracy
±10 ppm (23° ±5°C)
Display
5 digit LED
Mode
NA
INT or EXT
External Input
Frequency
Does not apply
5 Hz to 30 MHz
Resolution
Does not apply
0.1, 1, 10, 100, 1 kHz
Sensitivity
Does not apply
25 mVrms
General
AC Input
120/230 VAC ±10%, 50/60 Hz, internal jumper selectable
Dimensions
4.5 x 11.75 x 10.575"
(140 x 298 x 264mm)
5.5 x 11.75 x 10.575"
(114 x 298 x 264mm)
Weight
4 lbs. (1.8 kg)
4.5 lbs. (2 kg)
Two-Year Warranty
Included Accessories
Output Cable with BNC to Alligator Clips,
Instruction Manual Carrying Case (not included): LC-40
Model 4040A
AM Modulation Characteristics
Source
Internal, External
Modulation Ratio
0 to 100%
Int modulation
1 kHz
Ext Modulation
DC to 500 kHz
Ext Sensitivity
Less than 10V p-p for 100% modulation
FM Modulation Characteristics
Source
Internal, External
Modulation Ratio
0 to 100%
Deviation
0 to 5%
INT Modulation
1 kHz
Ext Modulation
DC to 500 kHz
Ext Sensitivity
Less than 10V p-p for 100% modulation
Burst Characteristic
Source
Internal, External
Burst Width
Cont. variable from 5% to 90% of internal gating frequency
Repition Rate
0.5 Hz to 50 Hz, internal
DC to 500 kHz external
External Level
TTL levels
Burst Frequency
Determined by main generator frequency setting
Model 4040A


Similar Part No. - 4017A

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4017A ETC2-4017A Datasheet
494Kb / 1P
   Function Generators
More results

Similar Description - 4017A

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4017A ETC2-4017A Datasheet
494Kb / 1P
   Function Generators
Good Will Instrument Co., Ltd.
Good Will Instrument Co...
GFG-8200A GWINSTEK-GFG-8200A Datasheet
877Kb / 2P
   FUNCTION GENERATORS
B&K Precision Corporation
B&K Precision Corporati...
4010A BK-4010A Datasheet
339Kb / 1P
   Function Generators
List of Unclassifed Manufacturers
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
Xilinx, Inc
Xilinx, Inc
XC4000FM XILINX-XC4000FM Datasheet
353Kb / 40P
   Flexible function generators
TEKTRONIX, INC.
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
   Arbitrary Function Generators
B&K Precision Corporation
B&K Precision Corporati...
4007B BK-4007B Datasheet
1Mb / 2P
   DDS Function Generators
Xilinx, Inc
Xilinx, Inc
XC4000A XILINX-XC4000A Datasheet
100Kb / 16P
   Flexible function generators
TEKTRONIX, INC.
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
List of Unclassifed Manufacturers
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz