Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I961P Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM5I961P
Description  Low Voltage Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I961P Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM5I961P Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5I961P Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
July 2005
ASM5I961P
rev 0.2
Low Voltage Zero Delay Buffer
11 of 14
Notice: The information in this document is subject to change without notice.
The time from the PLL controlled edge to the
non-controlled edge, divided by the time
between PLL controlled edges, expressed as a
percentage.
VCC
VCC ÷2
GND
DC= (tP ÷T0 Χ 100%)
tP
T0
Figure 14. Output Duty Cycle (DC)
tSK(O)
VCC
VCC ÷2
GND
VCC
VCC ÷2
GND
The pin-to-pin skew is defined as the worst case
difference in propagation delay between any similar
delay path within a single device
Figure 15. Output–to–Output Skew tSK(O)
Figure 12. Propagation Delay (t(Ø)). Static phase offset
test reference
PCLK
VCC ÷2
GND
PCLK
Ext_FB
VCMR
VCC
t(Ø)
VPP
Figure 16. Cycle-to-cycle Jitter
TJIT(CC) =│TN-TN-1 mean│
The variation in cycle time of a signal between adjacent
cycles, over a random sample of adjacent cycle pairs
TN-1
TN
Figure 17. Period Jitter
TJIT(PER) =│TN-1/f0
The deviation in cycle time of a signal with respect to the
ideal period over a random sample of cycles
T0
tR
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.55
0.6V
tF
Figure 13. Output Transition Time Test Reference
PCLK
Ext_FB
TJIT(Ø) =│T0-T1 mean│
The deviation in t0 for a controlled edge with respect to a t0 mean
in a random sample of cycles
Figure 18.I/O Jitter
PCLK


Similar Part No. - ASM5I961P

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
ASM5I961C-32-ET ALSC-ASM5I961C-32-ET Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
ASM5I961C-32-LT ALSC-ASM5I961C-32-LT Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
ASM5I961CG-32-ET ALSC-ASM5I961CG-32-ET Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
ASM5I961CG-32-LT ALSC-ASM5I961CG-32-LT Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
More results

Similar Description - ASM5I961P

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
PulseCore Semiconductor
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com