Electronic Components Datasheet Search |
|
ASM3P2869AG-08SR Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation |
|
ASM3P2869AG-08SR Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation |
4 / 12 page October 2005 ASM3P2869A rev 1.6 Low Power Peak EMI Reducing Solution 4 of 12 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings Symbol Parameter Rating Unit VDD, VIN Voltage on any pin with respect to Ground -0.5 to +7.0 V TSTG Storage temperature -65 to +125 °C TA Operating temperature 0 to 70 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per JEDEC STD22- A114-B) 2 KV Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. DC Electrical Characteristics for 2.5V Supply (Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated) Symbol Parameter Min Typ Max Unit VIL Input low voltage VSS - 0.3 - 0.8 V VIH Input high voltage 2.0 - VDD + 0.3 V IIL Input low current - - -35 µA IIH Input high current - - 35 µA IXOL XOUT output low current (@0.5V, VDD=2.5V) - 3 - mA IXOH XOUT output high current (@1.8V, VDD=2.5V) - 3 - mA VOL Output low voltage (VDD = 2.5V, IOL = 8 mA) - - 0.6 V VOH Output high voltage (VDD = 2.5V, IOH = 8 mA) 1.8 - - V IDD Static supply current * - 1.0 - mA ICC Dynamic supply current (2.5V, 10MHz and no load) - 3.0 - mA VDD Operating voltage 2.375 2.5 2.625 V tON Power-up time (first locked cycle after power-up) - - 5 mS ZOUT Output impedance - 50 - Ω * XIN / CLKIN pin is pulled low AC Electrical Characteristics for 2.5V Supply Symbol Parameter Min Typ Max Unit CLKIN Input frequency 6 - 12 MHz ModOUT Output frequency 6 - 12 MHz Input Frequency = 6MHz - ± 1.6 - fd Frequency Deviation Input Frequency =12MHz - ± 0.8 - % tLH* Output rise time (measured from 0.7V to 1.7V) 1.5 1.7 nS tHL* Output fall time (measured from 1.7V to 0.7V) 0.5 1.0 1.2 nS tJC Jitter (cycle to cycle) - - 200 pS tD Output duty cycle 45 50 55 % * tLH and tHL are measured into a capacitive load of 15pF |
Similar Part No. - ASM3P2869AG-08SR |
|
Similar Description - ASM3P2869AG-08SR |