Electronic Components Datasheet Search |
|
S-80860CLUA-B9N-T2 Datasheet(PDF) 10 Page - Seiko Instruments Inc |
|
S-80860CLUA-B9N-T2 Datasheet(HTML) 10 Page - Seiko Instruments Inc |
10 / 54 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Rev.3.2_00 10 Seiko Instruments Inc. Table 4 (2/2) Detection voltage range Hysteresis width (Typ.) SNT-4A TO-92 *2 3.9 V ±2.0 % 0.195 V S-80839CLPF-B6YTFG S-80839CLY-x 4.0 V ±2.0 % 0.200 V S-80840CLPF-B6ZTFG S-80840CLY-x 4.1 V ±2.0 % 0.205 V S-80841CLPF-B62TFG S-80841CLY-x 4.2 V ±2.0 % 0.210 V S-80842CLPF-B63TFG S-80842CLY-x 4.3 V ±2.0 % 0.215 V S-80843CLPF-B64TFG S-80843CLY-x 4.4 V ±2.0 % 0.220 V S-80844CLPF-B65TFG S-80844CLY-x 4.45 V typ. 4.70 V max. *2 S-80844KLY-x *3 4.5 V ±2.0 % 0.225 V S-80845CLPF-B66TFG S-80845CLY-x 4.6 V ±2.0 % 0.230 V S-80846CLPF-B67TFG S-80846CLY-x 4.7 V ±2.0 % 0.235 V S-80847CLPF-B68TFG S-80847CLY-x 4.8 V ±2.0 % 0.240 V S-80848CLPF-B69TFG S-80848CLY-x 4.9 V ±2.0 % 0.245 V S-80849CLPF-B7ATFG S-80849CLY-x 5.0 V ±2.0 % 0.250 V S-80850CLPF-B7BTFG S-80850CLY-x 5.1 V ±2.0 % 0.255 V S-80851CLPF-B7CTFG S-80851CLY-x 5.2 V ±2.0 % 0.260 V S-80852CLPF-B7DTFG S-80852CLY-x 5.3 V ±2.0 % 0.265 V S-80853CLPF-B7ETFG S-80853CLY-x 5.4 V ±2.0 % 0.270 V S-80854CLPF-B7FTFG S-80854CLY-x 5.5 V ±2.0 % 0.275 V S-80855CLPF-B7GTFG S-80855CLY-x 5.6 V ±2.0 % 0.280 V S-80856CLPF-B7HTFG S-80856CLY-x 5.7 V ±2.0 % 0.285 V S-80857CLPF-B7ITFG S-80857CLY-x 5.8 V ±2.0 % 0.290 V S-80858CLPF-B7JTFG S-80858CLY-x 5.9 V ±2.0 % 0.295 V S-80859CLPF-B7KTFG S-80859CLY-x 6.0 V ±2.0 % 0.300 V S-80860CLPF-B7LTFG S-80860CLY-x *1. x changes according to the packing form in TO-92. S: Bulk, F: Tape and reel, Z: Tape and ammo *2. Describes the release voltage. *3. Refer to the Table 19 in “ Electricala Characteristics for Customized Products” for electrical characteristics. |
Similar Part No. - S-80860CLUA-B9N-T2 |
|
Similar Description - S-80860CLUA-B9N-T2 |