Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDT02S60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SDT02S60
Description  Silicon Carbide Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDT02S60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SDT02S60 Datasheet HTML 1Page - Infineon Technologies AG SDT02S60 Datasheet HTML 2Page - Infineon Technologies AG SDT02S60 Datasheet HTML 3Page - Infineon Technologies AG SDT02S60 Datasheet HTML 4Page - Infineon Technologies AG SDT02S60 Datasheet HTML 5Page - Infineon Technologies AG SDT02S60 Datasheet HTML 6Page - Infineon Technologies AG SDT02S60 Datasheet HTML 7Page - Infineon Technologies AG SDT02S60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004-03-22
Rev. 2.0
Page 4
SDT02S60
SDT02S60
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100 120 140
°C 180
TC
0
2
4
6
8
10
12
W
16
2 Diode forward current
IF= f (TC)
parameter: Tj≤175 °C
0
20
40
60
80
100 120 140
°C 180
TC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
A
2.2
4 Typ. forward power dissipation vs.
average forward current
PF(AV)=f(IF) TC=100°C, d = tp/T
0
0.5
1
1.5
2
A
3
IF(AV)
0
1
2
3
4
5
W
7
d=0.1
d=0.2
d=0.5
d=1
3 Typ. forward characteristic
IF = f (VF)
parameter: Tj , tp = 350 µs
0
0.5
1
1.5
2
2.5
3
V
4
VF
0
0.5
1
1.5
2
2.5
3
A
4
150°C
100°C
25°C


Similar Part No. - SDT02S60

ManufacturerPart #DatasheetDescription
SamHop Microelectronics Corp.
SamHop Microelectronics...
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
More results

Similar Description - SDT02S60

ManufacturerPart #DatasheetDescription
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
Infineon Technologies AG
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
Cree, Inc
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
   Silicon Carbide Schottky Diode
C3D10065A CREE-C3D10065A Datasheet
773Kb / 6P
   Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com