Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JLL26150 Datasheet(PDF) 1 Page - Schneider Electric

Part # JLL26150
Description  PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 50 kA at 600 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

JLL26150 Datasheet(HTML) 1 Page - Schneider Electric

  JLL26150 Datasheet HTML 1Page - Schneider Electric JLL26150 Datasheet HTML 2Page - Schneider Electric JLL26150 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
JLL26150
PowerPact J-Frame breaker, thermal-magnetic,
150 A, 2P, 50 kA at 600 VAC
Product availability : Stock - Normally stocked in distribution facility
Price* : 5,811.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact J
Trip unit technology
Thermal-magnetic
Breaking capacity code
L
Complementary
Line Rated Current
150 A
Number of poles
2
Poles description
2P
Breaking capacity
50 kA 500 V DC
20 kA 250 V DC
125 kA 240 V AC
100 kA 480 V AC
50 kA 600 V AC
[Ue] rated operational voltage
500 V DC
600 V AC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
AWG gauge
AWG 4...AWG 4/0 aluminium/copper
Magnetic hold current
750 A
Magnetic tripping current
1500 A
Maximum Height
7.52 in (191.01 mm)
Maximum Width
4.12 in (104.65 mm)
Maximum Depth
5 in (127.00 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 9, 2020
1


Similar Part No. - JLL26150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JLL26150C SCHNEIDER-JLL26150C Datasheet
65Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 50 kA at 600 VAC
More results

Similar Description - JLL26150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JLL26150C SCHNEIDER-JLL26150C Datasheet
65Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 50 kA at 600 VAC
JDL26150 SCHNEIDER-JDL26150 Datasheet
167Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
JGL26150 SCHNEIDER-JGL26150 Datasheet
169Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 18 kA at 600 VAC
JJL26150 SCHNEIDER-JJL26150 Datasheet
165Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 25 kA at 600 VAC
JJL26150C SCHNEIDER-JJL26150C Datasheet
124Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 25 kA at 600 VAC
JGL26150C SCHNEIDER-JGL26150C Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 18 kA at 600 VAC
JDL26150SA SCHNEIDER-JDL26150SA Datasheet
65Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
JDL26150C SCHNEIDER-JDL26150C Datasheet
65Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
JLL26200 SCHNEIDER-JLL26200 Datasheet
168Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 200 A, 2P, 50 kA at 600 VAC
JLL26175 SCHNEIDER-JLL26175 Datasheet
168Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 2P, 50 kA at 600 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com