Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJP36175 Datasheet(PDF) 2 Page - Schneider Electric

Part # JJP36175
Description  PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

JJP36175 Datasheet(HTML) 2 Page - Schneider Electric

  JJP36175 Datasheet HTML 1Page - Schneider Electric JJP36175 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
CCC
CSA
CE
UL Listed
IEC
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01115-HG,HJ,JG,JJ UNIT MT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
00785901660910
Package weight(Lbs)
4.50 lb(US) (2.041 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2


Similar Part No. - JJP36175

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JJP36150 SCHNEIDER-JJP36150 Datasheet
129Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 3P, 25 kA at 600 VAC
JJP36150AABC SCHNEIDER-JJP36150AABC Datasheet
65Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 3P, 25 kA at 600 VAC
More results

Similar Description - JJP36175

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JJL36175LU SCHNEIDER-JJL36175LU Datasheet
129Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJL36175 SCHNEIDER-JJL36175 Datasheet
180Kb / 3P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJF36175 SCHNEIDER-JJF36175 Datasheet
126Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJL36175AA SCHNEIDER-JJL36175AA Datasheet
127Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJL36175SALC SCHNEIDER-JJL36175SALC Datasheet
120Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJM36175 SCHNEIDER-JJM36175 Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJL36175C SCHNEIDER-JJL36175C Datasheet
126Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JGL36175SALU SCHNEIDER-JGL36175SALU Datasheet
129Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 18 kA at 600 VAC
JGL36175SO SCHNEIDER-JGL36175SO Datasheet
131Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 18 kA at 600 VAC
JDL36175AA SCHNEIDER-JDL36175AA Datasheet
142Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com