Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N3 Datasheet(PDF) 1 Page - u-blox AG

Part # SARA-N3
Description  Multi-band NB-IoT modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N3 Datasheet(HTML) 1 Page - u-blox AG

  SARA-N3 Datasheet HTML 1Page - u-blox AG SARA-N3 Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
SARA-N3 series
Multi-band NB-IoT modules
16.0 × 26.0 × 2.4 mm
Product summary
UBX-18012985 - R05
Advance Information
Globally configurable NB-IoT modules ready for 3GPP Rel 14 and 5G
• Broad feature set enabling new IoT applications
• Ultra-low power consumption delivering 10+ years battery life
• Critical firmware updates delivered via uFOTA with LwM2M
• Easy migration between u-blox LTE-M and 2G modules
• Professional grade manufacturing (ISO/TS16949); qualified according to ISO 16750
Product description
SARA-N3 NB-IoT multi-band modules support a selected set of
features based on 3GPP Release 14. The products will be able
to receive additional features and ultimately become Release
14 and 5G compliant via subsequent firmware upgrades.
SARA-N3 modules introduce several new firmware features
and internet protocols for NB-IoT products, including TCP,
CoAP, DTLS, LwM2M, MQTT, SSL/TLS and HTTP(S). They
enable a diverse and broad set of new IoT applications and
simplify customer migration to NB-IoT from other legacy
cellular or unlicensed technologies. With u-blox nested
design, easy migration between u-blox LTE-M, LTE Cat 1
and 2G modules is guaranteed, while enabling future-proof,
seamless mechanical scalability across technologies.
SARA-N3 is a power optimized product that delivers 10+ years
of battery life on a single cell primary battery, thus reducing
maintenance costs. Critical firmware updates can be delivered
over the air using the u-blox uFOTA client / server solution
with LwM2M, which is a more lightweight solution compared
to OMA-DM. LwM2M dynamically configurable objects allow
device makers to develop customized features.
The SARA-N3 series is manufactured to professional grade
standards with 100% automatic x-ray and optical inspection
on modules, as well as 100% outgoing test, product
traceability, PCN process, failure analysis and product
qualification according to ISO 16750. This level of quality is
paramount for highly reliable products intended for long term
use in the field.
Grade
Automotive
Professional
Standard
Regions
China
Multi-region
Access technology
LTE bands
3, 5, 8
3, 5, 8, 20,
28, +
Data rate
NB2
NB2
Interfaces
UART
2
2
USIM
1
1
ADC
2
2
GPIO *
5
5
Features
Last gasp
SIM detection
Antenna detection
Embedded TCP/UDP stack
Embedded HTTPS, TLS
Power Save Mode Rel.12
eDRX
Deep sleep mode
FW update via serial
FOTA / uFOTA
Dual stack IPv4/IPv6
Embedded CoAP/DTLS
Embedded MQTT-SN
Embedded MQTT
LwM2M device management
Jamming detection
Standard
Professional
Automotive
* = RTS / CTS can also be configured as general purpose input/output
A = ATEX variant
+ = LTE Cat NB1 bands 1, 2, 4, 12, 13, 18, 19, 26, 66, 71, 85 available in future FW
NB2 = Cat NB2 (125 kb/s DL, 140 kb/s UL)


Similar Part No. - SARA-N3

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N200-02B U-BLOX-SARA-N200-02B Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N201-02B U-BLOX-SARA-N201-02B Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N210-02B U-BLOX-SARA-N210-02B Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N211-02X U-BLOX-SARA-N211-02X Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
More results

Similar Description - SARA-N3

ManufacturerPart #DatasheetDescription
logo
u-blox AG
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
   Multi-band LTE-M / NB-IoT chipset
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
   Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
   Mid-Band Low-Band NB-IoT TxM
logo
Quectel Wireless Soluti...
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
   Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
   Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
   LTE-M / NB-IoT modules with secure cloud
logo
Quectel Wireless Soluti...
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
   Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
   SIMCom NB-IoT Module
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
   eMTC/NB-IoT/EDGE Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com