Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF3013 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3013
Description  N-Ch and P-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3013 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3013 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
N-Channel Typical Characteristics
Page 4
www.winsok.tw
Dec.2014
WSF3013
N-Ch and P-Channel MOSFET
Power Dissipation
0
20 40 60 80 100 120 140 160 180
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
1E-4
1E-3
0.01
0.1
1
10
60
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA :20
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty
Duty =
0
4
8
12
16
20
24
28
T
C=25
oC
0
20 40 60 80 100 120 140 160 180
0
2
4
6
8
10
12
14
T
C=25
oC,V
G=10V
0.1
1
10
100
0.1
1
10
100
1s
T
C=25
oC
10ms
300ms
1ms
100ms
DC


Similar Part No. - WSF3013

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF30100 WIINSOK-WSF30100 Datasheet
806Kb / 5P
   N-Ch MOSFET
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
   Battery protection, Load switch
WSF30160 WIINSOK-WSF30160 Datasheet
928Kb / 5P
   N-Ch MOSFET
More results

Similar Description - WSF3013

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4608 WIINSOK-WSP4608 Datasheet
697Kb / 6P
   N-Ch and P-Channel MOSFET
WSD3045DN WIINSOK-WSD3045DN Datasheet
839Kb / 11P
   N-Ch and P-Channel MOSFET
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
WSP4606 WIINSOK-WSP4606 Datasheet
1Mb / 8P
   N-Ch and P-Channel MOSFET
WSP4620 WIINSOK-WSP4620 Datasheet
1,019Kb / 8P
   N-Ch and P-Channel MOSFET
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
   N-Ch and P-Channel MOSFET
WSP4616 WIINSOK-WSP4616 Datasheet
839Kb / 8P
   N-Ch and P-Channel MOSFET
WSP4626 WIINSOK-WSP4626 Datasheet
1Mb / 8P
   N-Ch and P-Channel MOSFET
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
   N and P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com