Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM532 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SM532
Description  Low EMI Spectrum Spread Clock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM532 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SM532 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM532 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
+/+
YJGP VKOKPI KU ETKVKECN
YJGP VKOKPI KU ETKVKECN
SM532
Approved Product
Low EMI Sprectum Spread Clock
International Microcircuits,Inc.
8/31/98
525 Los Coches St., Milpitas, 95035 408-263-6300, FAX 408-263-6571
Rev. 1.4
http:/www.imicorp.com
Page 6 of 14
MODULATION AND POWER DOWN SELECTIONS
The bandwidth of the modulation applied to Fout is controlled by two input control lines, S2 and S3. Also, S2 and
S3 control the state the SM532 will go to when the Power Down mode is selected. The Power Down mode is
selected when both S0 and S1 are set to a logic state 0. Refer to the tables below for the proper selection of
Modulation Bandwidth and Power Down state.
Modulation Selection Table
Control Settings
Spread Percentage
Total Bandwidth
S3
S2
Low
High
1.25 %
0
0
99.375 %
100.625%
2.50 %
0
1
98.75 %
101.25 %
5.00 %
1
0
97.50 %
102.50 %
10.0 %
1
1
95.00 %
105.00 %
Table 6. Modulation Selection Table
Power Down Selection Table
Fout State
S0
S1
S2
S3
Factory Test
0
0
0
1
Hi-Z
0
0
1
1
00
0
0
0
10
0
1
0
Table 7. Power Down Selection Table


Similar Part No. - SM532

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5320AV NPC-SM5320AV Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
logo
Silicon Microstructures...
SM5321 SMI-SM5321 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBES100000 SMI-SM5321BBES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBET100000 SMI-SM5321BBET100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
More results

Similar Description - SM532

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
   Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
   Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com