Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT172 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMT172
Description  World most energy efficient temperature sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMT172 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMT172 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMT172 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
SMT172
last update
maart 20, 2017
reference
V14
page
3
Absolute Maximum Rating
TA=25°C. All voltages are referenced to GND, unless otherwise noted.
Power supply voltage
-0.5V to 7V
Output pin load
50mA
Operating temperature range
-55°C
1 to 135°C
Storage temperature range
-60°C to 150°C
ESD protection (HBM)
2000V
Junction temperature
200°C
Soldering temperature (SOIC, SOT)
260°C (10s)
1: For the accuracy over the temperature range from -55°C to -45°C and from 130°C to 135°C, contact
Smartec BV.
Output Signal
According to tradition, the Smartec temperature sensors have a duty cycle (PWM) output that can be directly
interfaced with a microcontroller without the use of extra components. The output is a square wave with a
well-defined temperature-dependent duty cycle. In general, the duty cycle of the output signal is defined by a
linear equation:
= .
+ .
×
where
DC = Valid Duty Cycle
T = Temperature in °C
A simple calculation shows that, i.e. at 0°C, DC=0.32 (32%); at 130°C, DC=0.931 (93.1%).
The temperature is derived from the measured duty cycle by:
=
.
.
= 212.77 ×
− 68.085
The frequency of the sensor output varies with the temperature and the supply voltage, but it does not
contain temperature information. Only the duty cycle contains temperature information in accordance to the
formula given above.
A higher accuracy can be achieved when a second order formula is used, an accuracy of ±0.1°C can be
achieved in the range of -20°C to 60°C.
Valid Duty Cycle
A valid duty cycle in equation (1) is defined as the average of individual duty cycles from 8 consequent
output periods. This is due to the internal working principle of the SMT172 sensor. In order to eliminate the
error caused by component mismatching, DEM (Dynamic Element Matching) has been applied in SMT172. A
complete DEM cycle consists 8 periods. There might be large variation between each individual period, and
this variation changes from sensor to sensor, but the averaged value of 8 consequent periods (valid duty
cycle) is very stable and precise.


Similar Part No. - SMT172

ManufacturerPart #DatasheetDescription
logo
Skeleton Technologies. ...
SMT171V5.8FAF SKELETON-SMT171V5.8FAF Datasheet
295Kb / 2P
   A compact, high-power energy storage module wind turbine pitch control systems
2022
SMT17V500F SKELETON-SMT17V500F Datasheet
429Kb / 2P
   Robust power for wind, intralogistics, medical, and UPS applications
2022
More results

Similar Description - SMT172

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Nanjing International G...
BSS84 DGNJDZ-BSS84 Datasheet
792Kb / 5P
   Energy Efficient
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
Motorola, Inc
MJ100BX120 MOTOROLA-MJ100BX120 Datasheet
392Kb / 4P
   Energy Efficient Package
logo
NARADA POWER SOURCE CO....
NPFC NARADA-NPFC Datasheet
1Mb / 2P
   stored energy solutions for a demanding world
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
   Energy Efficient Off-line Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com