Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3855 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM3855
Description  Thermal protection and control terminal for charge and discharge off mode protection IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3855 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3855 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3855 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal protection and control terminal for charge and
discharge off mode protection IC
MM3855 Series
MM3855 series are protection ICs with thermal protection and
control teminal for charge and discharge off mode for Lithium-ion
and Lithium-polymer rechargeable battery.
By using external thermistor, this protects the battery pack and
system over temperature. In addition, it reduces the current
consumption of system by using charge and dischrge off mode ,
when the system is shutdown.
(1) Range and accuracy of detection/release voltage
Overcharge detection voltage............................Vdet1 ..............4.1V to 5.0V............... ±20mV
5mVstep
±20mV(Ta=-20 to +60°C)
Overdischarge detection voltage.......................Vdet2 ..............2.1V to 3.0V............... ±35m
50mV step
±40mV(Ta=-20 to +60°C)
Discharging overcurrent detection voltage1......Vdet3-1...........6mV to 100mV........... ±2.5mV
1mV step
±3.0mV (Ta=-20 to +60°C)*1
Discharging overcurrent detection voltage2......Vdet3-2...........15mV to 100mV......... ±3.5mV
1mV step
±4.0mV (Ta=-20 to +60°C)*1
Charging overcurrent detection voltage.............Vdet4 ..............-6mV to -100mV........ ±2.5mV
1mV step
±3.0mV(Ta=-20 to +60°C)*1
Short detection voltage......................................tShort..............30mV to 200mV......... ±5.0mV
10mV step
±5.5mV (Ta=-20 to +60°C)*1
0V battery charge inhibition battery voltage ......Vst ..................0.9V ........................... ±0.3V
*1 Accuracy of overcurrent detection voltage (Ta=25 °C)
(2) Temperature detection function.............................Selectable “Enable” or “Disable”
(3) 0V battery charge function ...................................Selectable “Permission” or “Inhibition”
4) Control terminal for charge and discharge off mode
5) Current consumption.............................................. (Not include NTC bias current)
Normal mode .....................................................Temperature detection function “Enable” 3.0µA typ.
5.0µA max. (Ta=-20 to +85°C)
Temperature detection function “Disable” 2.5µA typ.
4.5µA max. (Ta=-20 to +85°C)
Standby mode ...................................................Overdischarge latch function “Enable” ... 0.1µA max. (Ta=-20 to +60°C)
Overdischarge latch function “Disable”... 0.8µA max. (Ta=-20 to +85°C)
Outline
Features
(Unless otherwise specified, Ta=25°C)
Overcurrent detection voltage [mV]
11
10
9
8
7
6
5
4
3
2
1
0
0
10
20
30
40
50
60
70
80
90
100
Vshort
Vdet3-2
Vdet3-1, Vdet4
1


Similar Part No. - MM3855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
   Digital Multimeter, Manual-Ranging, 600V
logo
Central Semiconductor C...
MM3000 CENTRAL-MM3000 Datasheet
56Kb / 1P
   Small Signal Transistors
MM3001 CENTRAL-MM3001 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
   CMOS Operational Amplifier (Single)
logo
Central Semiconductor C...
MM3002 CENTRAL-MM3002 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - MM3855

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3655 NSC-LM3655 Datasheet
827Kb / 21P
   Charge Control and Protection IC for embedded single
logo
Shenzhen Huazhimei Semi...
HM5107 HMSEMI-HM5107 Datasheet
641Kb / 7P
   Multi-function control chip with charge and discharge protection
logo
ABLIC Inc.
S-82F1A ABLIC-S-82F1A Datasheet
603Kb / 38P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.1_00
S-82K1A ABLIC-S-82K1A Datasheet
553Kb / 32P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82B1A ABLIC-S-82B1A Datasheet
777Kb / 35P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.2_01
logo
Seiko Instruments Inc
S-82B1A SII-S-82B1A Datasheet
2Mb / 35P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-82H1A ABLIC-S-82H1A Datasheet
669Kb / 38P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82N1A ABLIC-S-82N1A Datasheet
673Kb / 37P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.1_00
S-82C1E ABLIC-S-82C1E Datasheet
580Kb / 33P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
logo
IK Semicon Co., Ltd
IK2802D IKSEMICON-IK2802D Datasheet
348Kb / 13P
   Thermal protection and flag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com