Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3658AR Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM3658AR
Description  Li-ion Battery Charge Control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3658AR Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3658AR Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3658AR Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Li-ion Battery Charge Control IC MM3658AR
Li-ion Battery Charge Control IC
Monolithic IC MM3658AR
Outline
This IC is a linear charge control IC for 1-cell lithium iron phosphate (LiFePO4) battery.
The chip temperature detection function can limit the temperature rise in the IC during high power charging
and the battery temperature detection function enables the Charging by temperature to be controlled.
The package is a small size SSON-10pin.
Features
1. BAT Regulation Voltage
3.6V±30mV(±0.8%)
2. Fast Charge Current
558mA±5%(RICHG=2.32k )
3. The external resistor enables trickle/fast-charge current/charge completion current to be set
(Maximum charge current : 1.5A).
4. A charge timer is embedded in this IC. The external resistor enables the charge timer to be set
arbitrarily.
5. The chip temperature detection function can limit the temperature rise in the IC during high power
charging. It can be charged at an optimal rate.
6. The battery temperature detection function with thermistor input enable Charging by temperature to be
controlled.
7. LED Driver (1ch)
Package
SSON-10A
Applications
1. Shavers
2. Portable Devices


Similar Part No. - MM3658AR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3608 MITSUMI-MM3608 Datasheet
337Kb / 16P
   300mA LDO with thermal shutdown
MM3615 MITSUMI-MM3615 Datasheet
458Kb / 18P
   300mA LDO with temperature sensor IC
MM3625 MITSUMI-MM3625 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
MM3630BR MITSUMI-MM3630BR Datasheet
214Kb / 10P
   Output voltage compensation DC/DC converter for USB
MM3630BV MITSUMI-MM3630BV Datasheet
458Kb / 14P
   Output voltage compensation DC/DC converter for USB
More results

Similar Description - MM3658AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com