Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 21 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3635 Datasheet(HTML) 21 Page - Mitsumi Electronics, Corp.

 
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Note :
These are typical characteristics.
70
60
50
40
30
20
10
0
−40
−20
0
20
40
60
80
Temperature (°C)
70
60
50
40
30
20
10
0
−40
−20
0
20
40
60
80
Temperature (°C)
3.90
3.85
3.80
3.75
3.70
−40
−20
0
20
40
60
80
Temperature (°C)
5.0
4.5
4.0
3.5
3.0
−40
−20
0
20
40
60
80
Temperature (°C)
Charge stop I/O potential difference 1
Charge stop I/O potential difference 2
Battery overvoltage detection voltage
Forced charge current
1.4
1.2
1.0
0.8
0.6
−40
−20
0
20
40
60
80
Temperature (°C)
Trickle charge current
17
16
15
14
13
−40
−20
0
20
40
60
80
Temperature (°C)
Fast-charge current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn