Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 20 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 20 Page - Mitsumi Electronics, Corp.

Back Button MM3635 Datasheet HTML 16Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 17Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 18Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 19Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 20Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 21Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 22Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 23Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 24Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Note :
These are typical characteristics.
25
20
15
10
5
0
−40
−20
0
20
40
60
80
Temperature (°C)
350
300
250
200
150
100
50
−40
−20
0
20
40
60
80
Temperature (°C)
3.2
3.1
3.0
2.9
2.8
−40
−20
0
20
40
60
80
Temperature (°C)
160
120
80
40
0
−40
−20
0
20
40
60
80
Temperature (°C)
VSENSE pin discharge current 1
VSENSE pin discharge current 2
Fast-charge start detection voltage
Fast-charge start detection voltage hysteresis
4.10
4.05
4.00
3.95
3.90
3.85
3.80
−40
−20
0
20
40
60
80
Temperature (°C)
Recharge detection voltage
4.26
4.24
4.22
4.20
4.18
4.16
4.14
−40
−20
0
20
40
60
80
Temperature (°C)
BAT regulation voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn